Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NOD-DTV-OPT-R01 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # NOD-DTV-OPT-R01
Description  MANUAL NOISE GENERATORS FOR DTV/HDTV FIELD TESTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

NOD-DTV-OPT-R01 Datasheet(HTML) 1 Page - Micronetics, Inc.

  NOD-DTV-OPT-R01 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987
WEB: WWW.MICRONETICS.COM
NOD-DTV SERIES
MANUAL NOISE GENERATORS FOR DTV/HDTV FIELD TESTS
DESCRIPTION:
Micronetics NOD-DTV series of man-
ual noise generators are specifically
designed for field testing terrestrial
ATSC DTV signals.
The NOD-DTV noise instruments are
portable, small and lightweight (less
than 10lbs) and designed to provide
accurate carrier-to-noise measure-
ments in the lab, field or factory. An
attenuator is included and calibrated
at the connector, so there is no need
to compensate for external control
components.
SPECIFICATIONS:
Operating Temp: 0 to +70οC
Supply Voltage: 110VAC/60Hz
or
220VAC/50Hz
Temp Stability:
0.025 dB/οC
Output Impedance: 50 ohm,
Peak Factor:
5:1
Attenuation:
110 dB,
in 0.1db steps
Dimensions:
10.5” x 11” x 4”
Weight:
<10 lbs. max.
CE Compliant:
To ISM 1-A
NOISE
MODEL
FREQUENCY
FLATNESS
DENSITY
POWER
NOD-DTV
100 Hz to 1 Gz
2.0 dB
-80 dBm/Hz
+10 dBm
How to Order
Base Model:
NOD-DTV-XX
Output Connector *:
A = N (f)
B = BNC (f)
C = SMA (f)
Output Location:
D = Front
E = Back
*Note: Connector type depends on impedance selected
Configuration Options:
NOD-DTVOPT-XX
Option:
R01 = 75 Ohm Impedance
Example: To order a NOD-DTV with BNC ouput, connector in the back of the
unit as a base model, and add a 75 Ohm impedance option, this would be two
line items:
NOD-DTV SERIES OUTPUT CHARACTERISTICS
Item # Model #
Qty
1
NOD-DTV-BE
1
2
NOD-DTV-OPT-R01
1


Similar Part No. - NOD-DTV-OPT-R01

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
NOD-5101 MICRONETICS-NOD-5101 Datasheet
732Kb / 1P
BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
NOD-5102 MICRONETICS-NOD-5102 Datasheet
732Kb / 1P
BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
NOD-5103 MICRONETICS-NOD-5103 Datasheet
732Kb / 1P
BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
NOD-5104 MICRONETICS-NOD-5104 Datasheet
732Kb / 1P
BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
More results

Similar Description - NOD-DTV-OPT-R01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS487-25 ICST-ICS487-25 Datasheet
150Kb / 6P
Quad PLL for DTV
Revision 050604
logo
Applied Micro Circuits ...
CS3165 AMCC-CS3165 Datasheet
38Kb / 2P
SONET/SDH/FEC/FC/GE/HDTV/DTV/D1/ESCON Multirate 16-bit Transceiver
logo
Micronetics, Inc.
ANG-BBV-A MICRONETICS-ANG-BBV-A Datasheet
149Kb / 2P
AUTOMATED NOISE GENERATORS FOR BASEBAND VIDEO TESTING
ANG-DTV2-A MICRONETICS-ANG-DTV2-A Datasheet
140Kb / 2P
NOISE GENERATOR WITH INTEGRATED SIGNAL PREAMPLIFIER FOR DTV/HDTV FIELD TESTS
ANG-DTV-A MICRONETICS-ANG-DTV-A Datasheet
147Kb / 2P
AUTOMATED NOISE INSTRUMENTS FOR DTV/HDTV FIELD TESTS
logo
Varitronix internationa...
VI-201-DP-FC-S VARITRONIX-VI-201-DP-FC-S Datasheet
99Kb / 1P
Typical Environmental Tests & Mechanical Tests For LCD
logo
STMicroelectronics
AN3018 STMICROELECTRONICS-AN3018 Datasheet
197Kb / 24P
Developing self tests for SPC564Ax
17-Sep-2013
logo
Keysight Technologies
81150A KEYSIGHT-81150A Datasheet
3Mb / 36P
Pulse Function Arbitrary Noise Generators
81160A KEYSIGHT-81160A Datasheet
3Mb / 36P
Pulse Function Arbitrary Noise Generators
logo
Renesas Technology Corp
ICS487-25 RENESAS-ICS487-25 Datasheet
354Kb / 8P
QUAD PLL FOR DTV
092109
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com