Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

660-072MCS Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 660-072MCS
Description  Threaded Protective Covers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

660-072MCS Datasheet(HTML) 2 Page - Glenair, Inc.

  660-072MCS Datasheet HTML 1Page - Glenair, Inc. 660-072MCS Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I-31
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
660-072 and 660-073
MIL-PRF-28876 Style
Threaded Protective Covers
Metric dimensions (mm) are indicated in parenthesis.
TABLE V: SPLIT RING
Dash
No.
L Dia
+.015 (4.0)
Dash
No.
L Dia
+.015 (4.0)
50
.425 (10.8)
74
1.625 (41.3)
52
.485 (12.3)
76
1.750 (44.5)
54
.640 (16.3)
78
1.220 (31.0)
56
.750 (19.1)
80
1.980 (50.3)
58
.890 (22.6)
82
2.060 (52.3)
60
1.015 (25.8)
84
2.235 (56.8)
62
1.095 (27.8)
86
2.310 (58.7)
64
1.130 (28.7)
88
2.475 (62.9)
66
1.250 (31.8)
90
2.655 (67.4)
68
1.350 (34.3)
92
2.810 (71.4)
70
1.390 (35.3)
94
3.045 (77.3)
72
1.485 (37.7)
TABLE VI: SOLID RING STYLE B
Dash
No.
M Dia
+.015 (4.0)
Dash
No.
M Dia
+.015 (4.0)
08
.468 (11.9)
24
1.484 (37.7)
10
.593 (15.1)
25
1.577 (40.1)
12
.718 (18.2)
27
1.640 (41.7)
13
.765 (19.4)
28
1.687 (42.8)
14
.844 (21.4)
29
1.765 (44.8)
15
.890 (22.6)
30
1.890 (48.0)
16
.968 (24.6)
31
1.953 (49.6)
17
1.015 (25.8)
32
1.968 (50.0)
18
1.093 (27.8)
33
2.077 (52.8)
19
1.140 (29.0)
35
2.140 (54.4)
20
1.203 (30.6)
36
2.187 (55.5)
21
1.265 (32.1)
40
2.406 (61.1)
22
1.343 (34.1)
44
2.656 967.5)
23
1.453 (36.9)
48
3.031 (77.0)
TABLE VII: SOLID RING STYLE A
Dash
No.
N Dia
+.015 (4.0)
Dash
No.
N Dia
+.015 (4.0)
095
.312 (7.9)
109
1.266 (32.2)
100
.391 (9.9)
209
1.312 (33.3)
101
.516 (13.1)
110
1.391 (35.3_
102
.583 (14.8)
210
1.391 (35.3)
103
.641 (16.3)
111
1.521 (38.6)
104
.708 (18.0)
211
1.536 (39.0)
105
.766 (19.5)
112
1.641 (41.7)
205
.788 (20.0)
113
1.766 (44.9)
106
.896 (22.8)
213
1.812 (46.0)
206
.907 (23.0)
114
1.891 (48.0)
107
1.016 (25.8)
214
1.938 (49.2)
207
1.025 (26.0)
115
2.078 (52.8)
108
1.141 (29.0)
116
2.406 (61.1)
308
1.188 (30.2)
117
2.510 (63.8)
208
1.203 (30.6)
TABLE IV: EYELET
Dash
No.
K Dia
+.010 (3.6)
01
.140 (3.6)
02
.182 (4.6)
03
.191 (4.9)
04
.197 (5.0)
05
.167 (4.2)
06
.125 (3.2)
07
.218 (5.5)
09
.156 (4.0)
00
No Eyelet
K Dia.
(Table IV)
K Dia.
(Table IV)
K Dia.
(Table IV)
ROPE
(Types F, G, H, R, T, U)
SASH CHAIN
(Type S)
BEAD CHAIN
(Type D)
SPLIT RING - Style C
SOLID RING - Style B
SOLID RING - Style A
EYELET
TABLE III:
ATTACHMENT TYPE
Sym
Attachment Type
D
Bead Chain, Cres.,
Passivate
F
Wire Rope, Nylon
Jacket
G
Nylon Rope
H
Wire Rope, Teflon
Jacket
N
No Attachment
R
Wire Rope, PVC
Jacket
S
#8 Sash Chain, Cres.,
Passivate
T
Wire Rope, No Jacket
U
Wire Rope,
Polyurethane Jacket
with Terminal
L Dia
M Dia
N Dia
L D
M D
TABLE VII: SOLID RING STYLE
SOLID RING - Style A
N Di



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com