Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M4DG-7/IT Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS4LC4M4DG-7/IT
Description  4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M4DG-7/IT Datasheet(HTML) 3 Page - Austin Semiconductor

  AS4LC4M4DG-7/IT Datasheet HTML 1Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 2Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 3Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 4Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 5Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 6Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 7Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 8Page - Austin Semiconductor AS4LC4M4DG-7/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
16 Me
16 Me
16 Me
16 Me
16 Meg FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
AS4LC4M4
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
3
AS4LC4M4
Rev. 0.3 7/06
Austin Semiconductor, Inc.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A
< +125oC & -40oC < T
A
< +85oC ; Vcc = 3.3V +0.3V)
NOTES:
*I
CC1
, I
CC3
, I
CC4
and I
CC6
are dependent on output loading and cycle rates. Specified values are obtained with the output open. I
CC
is specified as an
average current. In I
CC1
, I
CC3
, and I
CC6
address can be changed maximum once while RAS\ = V
IL
. In I
CC4
, address can be changed maximum once within one
fast page mode cycle time, t
PC
.
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Leakage Current (any input 0<VIN<VIN+0.3V,
all other input pins not under test = 0 Volt)
II(L)
-5
5
uA
Output Leakage Current
(Data out is disabled, 0V<VOUT<VCC)
IO(L)
-5
5
uA
Output High Voltage (IOH = -2mA)
VOH
2.4
---
V
Output Low Voltage (IOL = 2mA)
VOL
---
0.4
V
-60
-70
ICC1*
Operating Current (RAS\ and CAS\, Address cycling @ tRC = MIN),
Power = Don't Care
100
ICC2
Standby Current (RAS\ = CAS\ = W\ = VIH)
Power = Normal L
1
ICC3*
RAS\-only Refresh Current (CAS\ = VIH, RAS\, Address cycling @
tRC = MIN), Power = Don't Care
100
ICC4*
Fast Page Mode Current (RAS\ = VIL, CAS\, Address cycling @
tPC = MIN), Power = Don't Care
80
ICC5
Standby Current (RAS\ = CAS\ = W\ = Vcc - 0.2V)
Power = Normal L
200
ICC6*
CAS\-BEFORE-RAS\ Refresh Current (RAS\ and CAS\ cycling @
tRC = MIN), Power = Don't Care
100
ICC7
Battery back-up current, Average power supply current, Battery back-
up mode, Input high voltage (VIH) = VCC - 0.2V, Input low voltage
(VIL) = 0.2V, CAS\ = 0.2V, DQ = Don't care, TRC = 31.25us (4K/L-
ver), 62.5us (2K/L-ver), TRAS = TRAS min ~ 300ns
250
ICCS
Self Refresh Current, RAS\ = CAS\ = 0.2V, W\ = OE\ = A0 ~ A11 =
VCC - 0.2V or 0.2V, DQ0 ~ DQ3 = VCC - 0.2V, 0.2V or Open
200
MAX
SYMBOL
PARAMETERS
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com