Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M16DG-5S/IT Datasheet(PDF) 10 Page - Austin Semiconductor

Part # AS4LC4M16DG-5S/IT
Description  4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M16DG-5S/IT Datasheet(HTML) 10 Page - Austin Semiconductor

Back Button AS4LC4M16DG-5S/IT Datasheet HTML 6Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 7Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 8Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 9Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 10Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 11Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 12Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 13Page - Austin Semiconductor AS4LC4M16DG-5S/IT Datasheet HTML 14Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
AS4LC4M16
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
10
AS4LC4M16
Rev. 1.1 6/05
Austin Semiconductor, Inc.
AC ELECTRICAL CHARACTERISTICS (Continued)5,6,7,8,9,10,11,12
(V
CC = +3.3V ±0.3V)
SYMBOL
MIN
MAX
MIN
MAX
UNITS NOTES
EDO-PAGE-MODE READ or WRITE cycle time
tPC
20
25
ns
34
EDO-PAGE-MODE READ-WRITE cycle time
tPRWC
47
56
ns
34
Access time from RAS\
tRAC
50
60
ns
RAS\ to column-address delay time
tRAD
912
ns
15
Row address hold time
tRAH
710
ns
RAS\ pulse width
tRAS
50
10,000
60
10,000
ns
RAS\ pulse width (EDO PAGE MODE)
tRASP
50
125,000*
60
125,000*
ns
RAS\ pulse width during Self Refresh
tRASS
80
80
µs
Random READ or WRITE cycle time
tRC
84
104
ns
RAS\ to CAS\ delay time
tRCD
11
14
ns
14, 28
READ command hold time (referenced to CAS\)
tRCH
0
0
ns
16, 30
READ command setup time
tRCS
00
ns
28
Refresh period
tREF
64/24**
64/24**
ms
22, 23
Refresh period ("S" version)
tREF
100
100
ms
23, 38
RAS\ precharge time
tRP
30
40
ns
RAS\ to CAS\ precharge time
tRPC
55
ns
RAS\ precharge time exiting Self Refresh
tRPS
90
105
ns
READ command hold time (referenced to RAS\)
tRRH
00
ns
16
RAS\ hold time
tRSH
13
15
ns
35
READ-WRITE cycle time
tRWC
116
140
ns
RAS\ to WE\ delay time
tRWD
67
79
ns
18
WRITE command to RAS\ lead time
tRWL
13
15
ns
Transitioin time (rise or fall)
tT
225
2
25
ns
WRITE command hold time
tWCH
810
ns
35
WRITE command hold time (referenced to RAS\)
tWCR
38
45
ns
WE\ command setup time
tWCS
0
0
ns
18, 28
WE\ to outputs in High-Z
tWHZ
12
15
ns
WRITE command pulse width
tWP
55
ns
WE\ pulse widths to disable outputs
tWPZ
10
10
ns
WE\ hold time (CBR Refresh)
tWRH
810
ns
WE\ setup time (CBR Refresh)
tWRP
810
ns
DESCRIPTION
-6
-5
NOTES:
*For XT Temp (-55°C to +125°C) tRASP (MAX) = 80,000ns for -5 and -6 speed.
**64ms Refresh for IT Temp, 24ms Refresh for XT Temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com