Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4SD4M16DG-10/IT Datasheet(PDF) 27 Page - Austin Semiconductor

Part # AS4SD4M16DG-10/IT
Description  4 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD4M16DG-10/IT Datasheet(HTML) 27 Page - Austin Semiconductor

Back Button AS4SD4M16DG-10/IT Datasheet HTML 23Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 24Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 25Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 26Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 27Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 28Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 29Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 30Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 31Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD4M16
AS4SD4M16
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
27
Austin Semiconductor, Inc.
NOTE (continued):
5.
The following states must not be interrupted by any executable command; COMMAND INHIBIT or NOP commands must be
applied on each positive clock edge during these states.
Refreshing:
Starts with registration of an AUTO REFRESH command and ends when t
RC
is met.
Once t
RC
is met, the SDRAM will be in the all banks idle state.
Accessing Mode
Register:
Starts with registration of a LOAD MODE REGISTER command and ends when t
MRD
has been met. Once t
MRD
is met, the SDRAM will be in the all banks idle state.
Precharging All:
Starts with registration of a PRECHARGE ALL command and ends when t
RP
is met.
Once t
RP
is met, all banks will be in the idle state.
6.
All states and sequences not shown are illegal or reserved.
7.
Not bank-specific; requires that all banks are idle.
8.
May or may not be bank-specific; if all banks are to be precharged, all must be in a valid state for precharging.
9.
Not bank-specific; BURST TERMINATE affects the most recent READ or WRITE burst, regardless of bank..
10. READs or WRITEs listed in the Command (Action) column include READs or WRITEs with AUTO PRECHARGE enabled and
READs or WRITEs with AUTO PRECHARGE disabled.
11. Does not affect the state of the bank and acts as a NOP to that bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com