Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6014 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 6014
Description  SINGLE POLE, SINGLE THROW DROP-IN/CONNECTORIZED SWITCH MODULES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

6014 Datasheet(HTML) 1 Page - Micronetics, Inc.

  6014 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
DESCRIPTION
Designed to deliver the fast
switching speed and/or high
isolation required in many of
today’s sophisticated radar
systems. These modules are
ideal for use in a wide range
of both microstrip and con-
nectorized environments,
especially those where space
is at a premium. Hermetic,
military/industrial design.
ADDITIONAL FEATURES (#6014)
s Isolation:
Up to 80 dB
CONNECTORS
s Pin/SMA
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Transistor-TransistorLogic
(TTL)
APPLICATIONS
s Tracking radar
s Weather radar
s Airborne surveillance
systems
PART #
TYPE
FREQ
LOSS
ISO
VSWR
SWITCH
RF
DC
RANGE
dB
dB
SPEED
POWER
SUPPLY
GHZ
ns
dBm
Volts
6011
SPST N
2-14
2.5
60
2.0:1
200
25
+5,-5
6012
SPST N
.01-1
2.0
60
2.0:1
25
25
+5
6014
SPST N
9 -10.1
2.0
80
1.5:1
12
30
+5,-5
ELECTRICAL CHARACTERISTICS
SINGLE POLE, SINGLE THROW
DROP-IN/CONNECTORIZED SWITCH MODULES
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 6014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6014 ETC2-6014 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Mallory performance clu...
6014 MALLORY-6014 Datasheet
1Mb / 12P
MSD LS Ignition Control
logo
Heyco.
6014 HEYCO-6014 Datasheet
318Kb / 2P
Heavy Duty Male Blades for Range and Dryer
logo
Christian Bürkert GmbH ...
6014 BURKERT-6014 Datasheet
1Mb / 17P
Solenoids with Kick and Drop
16.11.2023
6014 BURKERT-6014 Datasheet
491Kb / 8P
Pneumatically operated 2/2 way Valve
13.12.2023
More results

Similar Description - 6014

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6005 MICRONETICS-6005 Datasheet
39Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN MODULES
6008 MICRONETICS-6008 Datasheet
34Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN MODULES WITH DRIVERS
6034 MICRONETICS-6034 Datasheet
40Kb / 1P
SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES
6017 MICRONETICS-6017 Datasheet
40Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES
6027 MICRONETICS-6027 Datasheet
34Kb / 1P
SINGLE POLE, DOUBLE THROW DROP-IN MODULES WITH DRIVERS
6029 MICRONETICS-6029 Datasheet
45Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED PLUG-IN SWITCHES
6053 MICRONETICS-6053 Datasheet
33Kb / 1P
SINGLE POLE, THREE THROW DROP-IN MODULES
6055 MICRONETICS-6055 Datasheet
39Kb / 1P
SINGLE POLE, THREE THROW CONNECTORIZED SWITCHES
6069 MICRONETICS-6069 Datasheet
38Kb / 1P
SINGLE POLE, SIX THROW CONNECTORIZED SWITCHES
6073 MICRONETICS-6073 Datasheet
38Kb / 1P
SINGLE POLE, TEN THROW CONNECTORIZED SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com