Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5C2568CW-55L/883C Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS5C2568CW-55L/883C
Description  32K x 8 SRAM SRAM MEMORY ARRAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C2568CW-55L/883C Datasheet(HTML) 3 Page - Austin Semiconductor

  AS5C2568CW-55L/883C Datasheet HTML 1Page - Austin Semiconductor AS5C2568CW-55L/883C Datasheet HTML 2Page - Austin Semiconductor AS5C2568CW-55L/883C Datasheet HTML 3Page - Austin Semiconductor AS5C2568CW-55L/883C Datasheet HTML 4Page - Austin Semiconductor AS5C2568CW-55L/883C Datasheet HTML 5Page - Austin Semiconductor AS5C2568CW-55L/883C Datasheet HTML 6Page - Austin Semiconductor AS5C2568CW-55L/883C Datasheet HTML 7Page - Austin Semiconductor AS5C2568CW-55L/883C Datasheet HTML 8Page - Austin Semiconductor AS5C2568CW-55L/883C Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C2568
AS5C2568
MT5C2568 / AS5C2568
Rev. 4.5 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Input or DQ Relative
to Vss..................................................................-0.5V to Vcc +0.5V
Voltage on Vcc Supply Relative to Vss.......................-1V to +7V
Storage Temperature..............................................-65oC to +150oC
Power Dissipation.......................................................................1W
Short Circuit Output Current.................................................50mA
Lead Temperature (soldering 10 seconds)........................+260oC
Max. Junction Temperature.................................................+175oC
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
C < 125
oC or -40oC to +85oC; V
CC = 5.0V +10%)
CAPACITANCE
DESCRIPTION
CONDITIONS
SYM MIN
MAX
UNITS NOTES
Input High (Logic 1) Voltage
VIH
2.2
VCC+0.5
V1
Input Low (Logic 0) Voltage
VIL
-0.5
0.8
V
1,2
Input Leakage Current
0V<VIN<VCC
ILI
-10
10
µA
Output Leakage Current
Output(s) disabled
0V<VOUT<VCC
ILo
-10
10
µA
Output High Voltage
IOH = -4.0mA
VOH
2.4
V
1
Output Low Voltage
IOL = 8.0mA
VOL
0.4
V
1
SYM
-12
-15
-20
-25
-35
-45 UNITS NOTES
Icc
190 180 170 160 150 150
mA
3
TTL
ISBT
60
50
40
35
35
35
mA
ISBC
20
20
20
20
20
20
mA
"L" Version Only
ISBC2
444444
mA
MAX
DESCRIPTION
Power Supply
Current: Operating
CE\<VIL; Vcc = MAX
f = MAX = 1/
t
RC (MIN)
Output Open
CONDITIONS
Power Supply
Current: Standby
CMOS
CE\<VIH; Outputs Open
Vcc = MAX
CE\>Vcc-0.2V; Vcc = MAX
VIN<+0.2V or >Vcc-0.2V;
f = 0 Hz, Outputs Open
PARAMETER
CONDITIONS
SYM
MAX
UNITS
NOTES
Input Capacitance
CIN
11
pF
4
Output Capacitance
CIO
11
pF
4
TA = 25
oC, f = 1MHz
Vcc = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com