Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

710AS002M Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 710AS002M
Description  Non-Environmental Straight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

710AS002M Datasheet(HTML) 2 Page - Glenair, Inc.

  710AS002M Datasheet HTML 1Page - Glenair, Inc. 710AS002M Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
E-11
E-Mail: sales@glenair.com
www.glenair.com
When tubing I.D. MAX exceeds inside
diameter of connector shell, style 2 will be
supplied. Refer to pages F-15 and F-16.
TABLE I
SHELL SIZE
E
F
G
H
J
A,D,F,L
H
MAX
MAX
MAX
MAX
MAX
08
09
1.120 (28.4)
.500 (12.7)
1.605 (40.8)
.520 (13.2)
1.655 (42.0)
10
11
1.141 (29.0)
.595 (15.1)
1.725 (43.8)
.520 (13.2)
1.655 (42.0)
12
13
1.180 (30.0)
.610 (15.5)
1.745 (44.3)
.582 (14.8)
1.715 (43.6)
14
15
1.202 (30.5)
.700 (17.8)
1.815 (46.1)
.645 (16.4)
1.805 (45.8)
16
17
1.230 (31.2)
.885 (22.5)
1.905 (48.4)
.738 (18.7)
1.915 (48.6)
18
19
1.260 (32.0)
.975 (24.8)
2.075 (52.7)
.927 (23.5)
2.105 (53.5)
20
21
1.300 (33.0)
.975 (24.8)
2.075 (52.7)
.927 (23.5)
2.105 (53.5)
22
23
1.335 (33.9)
1.125 (28.6)
2.185 (55.5)
1.020 (25.9)
2.255 (57.3)
24
25
1.360 (34.5)
1.125 (28.6)
2.185 (55.5)
1.020 (25.9)
2.255 (57.3)
28
--
1.435 (36.4)
1.225 (31.1)
2.355 (59.8)
1.145 (29.1)
2.305 (58.5)
32
--
1.505 (38.2)
1.575 (40.0)
2.575 (65.4)
1.207 (30.7)
2.405 (61.1)
36
--
1.570 (39.9)
1.775 (45.1)
2.605 (66.2)
1.238 (31.4)
2.495 (63.4)
TABLE II
DASH
TUBING I.D. (REF)
NO.
MIN
MAX
L DIA
09
.240
(6.1)
.280
(7.1)
.875 (22.2)
12
.330
(8.4)
.370
(9.4)
1.000 (25.4)
16
.450 (11.4)
.500 (12.7)
1.125 (28.6)
20
.570 (14.5)
.620 (15.7)
1.250 (31.8)
24
.690 (17.5)
.750 (19.1)
1.438 (36.5)
28
.810 (20.6)
.870 (22.1)
1.625 (41.3)
32
.930 (23.6)
1.000 (25.4)
1.750 (44.5)
40
1.180 (30.0)
1.250 (31.8)
2.000 (50.8)
TABLE III
SYMBOL FINISH
BOlive Drab over Cadmium Plate
J
Gold Iridite over Cadmium Plate over Nickel
MElectroless Nickel
NOlive Drab over Cadmium Plate over Nickel
NC
Zinc-Cobalt, Olive Drab
NF
Olive Drab over Cadmium Plate over
Electroless Nickel (500 Hour Salt Spray)
TBright Dip Cadmium Plate over Nickel
710-002
Non-Environmental Straight, 45
° & 90° User-Installable
Connector Fittings for Series 72 Annular Convoluted Tubing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com