Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

712FS419XM Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 712FS419XM
Description  Composite Conduit-to-Connector Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712FS419XM Datasheet(HTML) 1 Page - Glenair, Inc.

  712FS419XM Datasheet HTML 1Page - Glenair, Inc. 712FS419XM Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C-24
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
712-419
Composite Conduit-to-Connector Adapter
Straight, 45° and 90°
For Glenair Series 74 Helical Convoluted Tubing
A Thread Typ.
1.250
(31.8)
Tubing shown for reference only
(See Note 2)
See optional configuration and Detail A
J Typ
Tubing I.D.
(see Note 3)
Knurl or Flute Style Manufacturer's Option, Typ.
C
G
E
H
F
Dash 1 configuration
EMI or Dacron over Braid
(See P/N Development)
K Diameter
Entry TYP
Raised configuration
(Mfr's option)
Sym S – Straight
Sym W
90°
Sym T
45°
Anti-
Decoupling
Device
Land area to
accommodate
Adhesive
DETAIL A
Optional Adhesive
Land Configuration
Product Series
712 - Conduit Adapter
712 F T 419 XM 19 12 K - 1 - A
Tubing Size
(See Table II)
Tubing Option
K - PEEK
(Omit for PFA,
ETFE, FEP or
PTFE; see note 2)
Connector Designator
A, F, H and U
Angle and Profile
S - Straight
T - 45° Elbow
W - 90° Elbow
Basic Part
Number
Finish Symbol
(See Table III)
Connector
Shell Size
(See Table I)
To Accomodate EMI or
Dacron Over Braid
(Omit if not required)
Optional
Configuration
(See Detail A)
CONNECTOR DESIGNATOR:
A-MIL-DTL-5015/-26482/-83723
F-MIL-DTL-38999SeriesI,II
H-MIL-DTL-38999SeriesIIIandIV
U - DG123 and DG123A
SELF-LOCKING
ROTATABLE
COUPLING
LOW PROFILE


Similar Part No. - 712FS419XM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712FS419XM19 GLENAIR-712FS419XM19 Datasheet
270Kb / 1P
Self-Locking Composite Conduit Adapter
More results

Similar Description - 712FS419XM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
637B094XM GLENAIR-637B094XM Datasheet
338Kb / 2P
Composite Box Conduit or Cable
712AS419XM19 GLENAIR-712AS419XM19 Datasheet
270Kb / 1P
Self-Locking Composite Conduit Adapter
712S269XM GLENAIR-712S269XM Datasheet
261Kb / 1P
Composite Shrink Boot Conduit Fitting
712475XM06DE GLENAIR-712475XM06DE Datasheet
33Kb / 1P
Composite Conduit Bulkhead Feed-Through Adapter
377HS041XB11 GLENAIR-377HS041XB11_09 Datasheet
314Kb / 2P
Composite Fiber-Optic Conduit Backshell
712S269XM GLENAIR-712S269XM_03 Datasheet
26Kb / 1P
Self-Locking Composite Conduit Adapter
712S270XM GLENAIR-712S270XM_03 Datasheet
23Kb / 1P
Self-Locking Composite Conduit Adapter
712S271XM GLENAIR-712S271XM_03 Datasheet
24Kb / 1P
Self-Locking Composite Conduit Adapter
637-094 GLENAIR-637-094 Datasheet
338Kb / 2P
Composite Box Conduit or Cable
377-041 GLENAIR-377-041 Datasheet
306Kb / 2P
Composite FiberCon Conduit Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com