Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

710LS002M Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 710LS002M
Description  Non-Environmental Straight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

710LS002M Datasheet(HTML) 1 Page - Glenair, Inc.

  710LS002M Datasheet HTML 1Page - Glenair, Inc. 710LS002M Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
E-10
E-Mail: sales@glenair.com
www.glenair.com
STYLE 2
(90
° & 45°)
45
°
90
°
.875
(22.2)
MAX
Metric dimensions (mm) are indicated in parentheses.
Tubing shown for reference only.
STRAIGHT
TUBING I.D. (Ref)
(See Table II)
E
A THREAD
(Page F-17)
STYLE 2
(STRAIGHT)
E (REF)
TYPE
A
F
G
L TYP.
DIA
J
H
45
°
C DIA
(Page F-17)
710-002
Non-Environmental Straight, 45
° & 90° User-Installable
Connector Fittings for Series 72 Annular Convoluted Tubing
710 A A 002 M 16 20
Product
Dash No.
Series
(Table II)
Connector
Shell Size
Designator
(Table I)
(A, D, F, H, or L)
(Pages F-4 to F-6)
Finish
(Table III)
Angle:
A = 90
°
Basic No.
B = 45
°
S = Straight


Similar Part No. - 710LS002M

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
710LMMT COOPER-710LMMT Datasheet
49Kb / 2P
Electrical Characteristics, Total Clearing I2t, Arc Voltage, Power Losses
710LMMT COOPER-710LMMT Datasheet
38Kb / 2P
400-900A, 240 Volts
More results

Similar Description - 710LS002M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
360AA001M16 GLENAIR-360AA001M16 Datasheet
123Kb / 2P
Non-Environmental Backshell
360AA002M16 GLENAIR-360AA002M16 Datasheet
143Kb / 2P
Non-Environmental Backshell
360GH003B17 GLENAIR-360GH003B17 Datasheet
126Kb / 2P
Non-Environmental Backshell
360AH017B08 GLENAIR-360AH017B08 Datasheet
85Kb / 2P
Non-Environmental Backshell
360AS015XB08 GLENAIR-360AS015XB08 Datasheet
304Kb / 2P
Composite Non-Environmental Backshell
710CA004M GLENAIR-710CA004M Datasheet
114Kb / 2P
Non-Environmental User-Installable Straight
710-S017M-12D GLENAIR-710-S017M-12D Datasheet
158Kb / 2P
Non-Environmental Bulkhead Fitting
M81511-14-057 GLENAIR-M81511-14-057 Datasheet
101Kb / 3P
RFI Non-Environmental Backshells
M85049-32-1-8 GLENAIR-M85049-32-1-8 Datasheet
69Kb / 1P
Adapter, Non-Environmental, RFI
M85049-33-18 GLENAIR-M85049-33-18 Datasheet
60Kb / 1P
Adapter, Non-Environmental, RFI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com