Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5C512K8DJ-25L/IT Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS5C512K8DJ-25L/IT
Description  512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C512K8DJ-25L/IT Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS5C512K8DJ-25L/IT Datasheet HTML 2Page - Austin Semiconductor AS5C512K8DJ-25L/IT Datasheet HTML 3Page - Austin Semiconductor AS5C512K8DJ-25L/IT Datasheet HTML 4Page - Austin Semiconductor AS5C512K8DJ-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS5C512K8DJ-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS5C512K8DJ-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS5C512K8DJ-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS5C512K8DJ-25L/IT Datasheet HTML 9Page - Austin Semiconductor AS5C512K8DJ-25L/IT Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C512K8
AS5C512K8
Rev. 7.0 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
Austin Semiconductor, Inc.
LOW V
CC DATA RETENTION WAVEFORM
READ CYCLE NO. 18, 9
(Address Controlled, CE\ = OE\ = V
IL, WE\ = VIH)
READ CYCLE NO. 2 2
(WE\ = V
IH)
1234
1234
1234
1234
1234
Don’t Care
Undefined
123456
123456
123456
123456
123456
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
12345
12345
12345
12345
12345
12345
12345
12345
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
123456789012345
1234
1234
1234
1234
1234
1234
1234
1234
123456
123456
123456
123456
123456
123456
123456
123456
DATA RETENTION MODE
4.5V
4.5V
V
DR>2V
V
DR
t
CDR
t
R
V
CC
CE\
V
IH-
V
IL-
ADDRESS
t
RC
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
12345678901
12345678901
12345678901
12345678901
12345678901
12345678901
12
12
12
12
12
12
12
12
12
12
12
t
OH
t
AA
Previous Data Valid
Data Valid
I/O, DATA IN
& OUT
VALID
ADDRESS
t
RC
t
AOE
CE\
t
LZOE
t
ACE
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
1234567
12345
12345
12345
12345
12345
12345
1
1
1
1
1
1
1
1
1
1
1
1
Data Valid
High-Z
t
HZOE
t
HZCE
t
PD
I/O, DATA IN
& OUT
Icc
t
LZCE
t
PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com