Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT34 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BUT34
Description  50 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 850 VOLTS 250 WATTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUT34 Datasheet(HTML) 3 Page - Motorola, Inc

  BUT34 Datasheet HTML 1Page - Motorola, Inc BUT34 Datasheet HTML 2Page - Motorola, Inc BUT34 Datasheet HTML 3Page - Motorola, Inc BUT34 Datasheet HTML 4Page - Motorola, Inc BUT34 Datasheet HTML 5Page - Motorola, Inc BUT34 Datasheet HTML 6Page - Motorola, Inc BUT34 Datasheet HTML 7Page - Motorola, Inc BUT34 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BUT34
3
Motorola Bipolar Power Transistor Device Data
TYPICAL CHARACTERISTICS
3.2
1
IC, COLLECTOR CURRENT (AMPS)
2
3
7
10
50
2.8
2.5
2.2
1.9
2.5
IC, COLLECTOR CURRENT (AMPS)
2.2
1.9
1.6
1.3
1.0
0.7
0.4
TC = 25°C
IC/IB = 10
1.6
1.3
20
IC = 40 A
400
1
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
1
2
3
4
7
10
20
30 40
60
100
30
20
10
Figure 2. Collector Saturation Region
0.1
IB, BASE CURRENT (AMPS)
0
0.2 0.3
0.5
1
4
3
2
1
200
50
5
3
2
TC = 25°C
VCE = 5.0 V
IC = 20 A
TC = 25°C
2
3
5
7
10
Figure 3. Collector–Emitter Saturation Voltage
30
5
1
2
3
7
10
50
20
30
5
TC = 25°C
IC/IB = 10
1.0
Figure 4. Base–Emitter Voltage
t, TIME (ms)
1
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
1
2
5
10
20
50
100
200
500
R
θJC(t) = r(t) RθJC
R
θJC = 1.17°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02
0.1
0.5
0.2
100
0
Figure 5. Thermal Response
0.03
0.3
3
30
300
40
°C
25
°C
100
°C
25
°C
100
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com