Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITS4100AFK Datasheet(PDF) 2 Page - Glenair, Inc.

Part # ITS4100AFK
Description  Front Panel Mount Square Flange Receptacle Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITS4100AFK Datasheet(HTML) 2 Page - Glenair, Inc.

  ITS4100AFK Datasheet HTML 1Page - Glenair, Inc. ITS4100AFK Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A-7
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
ØA
ØB
K
L
M
R
S
ØT
+0
+0.2
+0.1
She ll Size
-0.1
-0
-0
10 SL
18.2
2.8
90.0
14.3
18.25
25.4
3.2
14 S
24.5
3.3
91.5
14.5
23.00
30.4
3.2
16 S
27.2
3.3
91.5
14.5
24.60
32.5
3.2
16
27.2
3.3
103.0
19.1
24.60
32.5
3.2
18
30.7
4.0
103.0
19.1
27.00
35.0
3.2
20
34.0
4.0
103.0
19.1
29.40
38.0
3.2
22
37.3
4.0
103.0
19.6
31.75
41.0
3.2
24
40.9
4.0
104.5
20.6
34.90
44.5
3.7
28
46.7
4.0
111.0
20.7
39.70
50.9
3.7
32
53.4
4.0
116.5
22.3
44.45
57.0
4.3
36
59.6
4.0
122.0
22.3
49.20
63.5
4.3
40
65.5
4.0
122.0
22.3
55.55
69.9
4.3
+0.2
±0.1
±0.1
±0.2
Ma x.
Ba ckshe ll
ØB
ØQ
Pa rt N umbe r
She ll Size
A T hre a d
±0.1
±0.2
IT 37267-10BR1712
10SL
0.6250 - 24UNEF
10.5
20.0
IT 37267-18BR2722
18
1.0000 - 20UNEF
20.5
30.0
IT 37267-20BR1712
20 - 22
1.1875 - 18UNEF
10.5
34.0
IT 37267-20BR2722
20 - 22
1.1875 - 18UNEF
20.5
34.0
IT 37267-20BR2833
20 - 22
1.1875 - 18UNEF
31.5
42.0
IT 37267-28BR2520
24 - 28
1.4375 - 18UNEF
16.5
45.0
IT 37267-28BR2722
24 - 28
1.4375 - 18UNEF
20.5
45.0
IT 37267-28BR3126
24 - 28
1.4375 - 18UNEF
22.5
45.0
IT 37267-28BR3328
24 - 28
1.4375 - 18UNEF
26.5
45.0
IT 37267-28BR3530
24 - 28
1.4375 - 18UNEF
26.5
45.0
IT 37267-28BR3833
24 - 28
1.4375 - 18UNEF
31.5
45.0
IT 37267-28BR5045
24 - 28
1.4375 - 18UNEF
36.2
45.0
IT 37267-32BR3126
32
1.7500 - 18UNS
24.5
53.0
IT 37267-32BR3328
32
1.7500 - 18UNS
26.5
53.0
IT 37267-32BR3833
32
1.7500 - 18UNS
31.5
53.0
IT 37267-32BR4035
32
1.7500 - 18UNS
31.5
53.0
IT 37267-32BR5045
32
1.7500 - 18UNS
40.0
53.0
IT 37267-36BR3530
36
2.0000 - 18UNS
26.5
57.4
IT 37267-36BR3833
36
2.0000 - 18UNS
31.5
57.4
IT 37267-36BR4035
36
2.0000 - 18UNS
31.5
57.4
IT 37267-36BR5045
36
2.0000 - 18UNS
43.5
57.4
IT 37267-40BR4136
40
2.2500 - 16UN
31.5
63.0
IT 37267-40BR4540
40
2.2500 - 16UN
38.5
63.0
IT 37267-40BR5045
40
2.2500 - 16UN
43.5
63.0
IT 37267-40BR5550
40
2.2500 - 16UN
48.5
63.0
ITS 3100 A (BR) and ITS 4100 A (BR)
Front Panel Mount Square Flange Receptacle Assembly
with Backshell for Termination of UNI4883 Rubber Conduits
TABLE III: BACKSHELL DIMENSIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com