Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8FLC2M32BP-100/IT Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS8FLC2M32BP-100/IT
Description  Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8FLC2M32BP-100/IT Datasheet(HTML) 3 Page - Austin Semiconductor

  AS8FLC2M32BP-100/IT Datasheet HTML 1Page - Austin Semiconductor AS8FLC2M32BP-100/IT Datasheet HTML 2Page - Austin Semiconductor AS8FLC2M32BP-100/IT Datasheet HTML 3Page - Austin Semiconductor AS8FLC2M32BP-100/IT Datasheet HTML 4Page - Austin Semiconductor AS8FLC2M32BP-100/IT Datasheet HTML 5Page - Austin Semiconductor AS8FLC2M32BP-100/IT Datasheet HTML 6Page - Austin Semiconductor AS8FLC2M32BP-100/IT Datasheet HTML 7Page - Austin Semiconductor AS8FLC2M32BP-100/IT Datasheet HTML 8Page - Austin Semiconductor AS8FLC2M32BP-100/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AUSTIN SEMICONDUCTOR, INC.
FLASH
FLASH
FLASH
FLASH
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.2 5/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
A system reset would then also reset the FLASH device,
enabling the system microprocessor to read the boot-up
firmware from the FLASH memory array. The device offers two
power-saving features. When addresses have been stable for
a specified amount of time, the device enters the AUTOMATIC
SLEEP MODE. The system can also place the device into the
STANDBY mode. Power consumption is greatly reduced in
both these modes.
Device Bus Operations
This section describes the use of the command register for
setting and controlling the bus operations. The command
register itself does not occupy any addressable memory
locations. The register is composed of a series of latches that
store the commands, addresses and data information needed
to execute the indicated command. The contents of the register
serve as the input to the internal state machine. The state
machine output dictates the function of the device. Table 1
lists the device bus operations, the inputs and control/stimulus
levels they require, and the resulting output. The following
subsections describe each of these operations in further detail.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the
CSx\ and OE\ pins to VIL. Chip Select CSx\ is the power and
chip select control of the byte or bytes targeted by the system
(user). Output Enable [OE\] is the output control and gates
array data to the output pins. Write (byte) Enables [WEx\]
should remain at VIH levels.
The internal state machine is set for reading array data upon
device power-up, or after a HARDWARE RESET. This ensures
that no spurious alteration of the memory content occurs during
Table 1
the power transition. No command is necessary in this mode
to obtain array data. Standard microprocessor read cycles
that
assert valid data on the device address inputs produce valid
data on the data outputs. The device remains enabled for read
access until the command register contents are altered.
See READING ARRAY DATA for more information. Refer to
AC Read Operations table data for timing specifications
relevant to this operational mode.
Writing Commands/Command Sequences
To WRITE a command or command sequence, the system must
drive CSx\, WEx\ to VIL and OE\ to VIH.
An ERASE command operation can erase one sector, multiple
sectors, or the entire array. Table 2 indicates the address space
contained within each sector within the array. A sector address
consists of the address bits required to uniquely select a sector.
The “Command Definitions” section has details on erasure of
a single, multiple sectors, the entire array or suspending/
resuming the erase operation.
After the system writes the autoselect command sequence,
the device enters the autoselect mode. The system can then
read autoselect codes from the internal register (which is
separate from the memory array) on each of the Data input/
output bits within each byte of the MCM FLASH array.
Standard read cycle timings apply in this mode. Refer to the
Autoselect Mode and Autoselect Command Sequence sections
for more information.
ICC2 in the DC Characteristics table represents that active
current specification for the WRITE mode. The AC
Characteristics section contains timing specifications for Write
Operations.
RESET\
CS1\
CS2\
CS3\
CS4\
WE1\ WE2\ WE3\ WE4\ OE\
OPERATION
ADDRESSES
DATA BUS (DQ0-DQX)
L
HHH
D0-D7 Out
HL
H
H
D8-D15 Out
HH
L
H
D16-D31 Out
HHH
L
D24-D31 Out
LLLL
D0-D31 Out
L
HHH
L
H
H
H
D0-D7 In
H
L
H
H
H
L
H
H
D8-D15 In
H
H
L
H
H
H
L
H
D16-D31 In
H
H
H
L
H
H
H
L
D24-D31 In
LLLL
LLLL
D0-D31 In
VCC +/- 0.3V
VCC +/- 0.3V
VCC +/- 0.3V
VCC +/- 0.3V
VCC +/- 0.3V
XXXX
X
Standby
X
X
LLLL
HHHH
H
Output Diable
X
L
XXXX
XXXX
X
Reset
X
VID
LLLL
LLLL
H
Sector Protect
SECTOR ADDRESS
A7=L, A2=H, A1=L
DIN, DOUT
VID
LLLL
LLLL
H
Sector Unprotect
SECTOR ADDRESS
A7=L, A2=H, A1=L
DIN, DOUT
VID
XXXX
XXXX
X
Temporary Sector Unprotect
AIN
DIN
Legend
L=Logic=VIL, H=Logic High=VIH, VID=12.0 +/-0.5V, X= Don't Care, AIN=Address In, DOUT=Data Out
Notes
H
WRITE
A0-Ax In
H
H
L
READ
A0-Ax In
H
HHH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com