Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8SLC128K32Q-25L/IT Datasheet(PDF) 10 Page - Austin Semiconductor

Part # AS8SLC128K32Q-25L/IT
Description  128K x 32 SRAM SRAM MEMORY ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8SLC128K32Q-25L/IT Datasheet(HTML) 10 Page - Austin Semiconductor

Back Button AS8SLC128K32Q-25L/IT Datasheet HTML 2Page - Austin Semiconductor AS8SLC128K32Q-25L/IT Datasheet HTML 3Page - Austin Semiconductor AS8SLC128K32Q-25L/IT Datasheet HTML 4Page - Austin Semiconductor AS8SLC128K32Q-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS8SLC128K32Q-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS8SLC128K32Q-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS8SLC128K32Q-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS8SLC128K32Q-25L/IT Datasheet HTML 9Page - Austin Semiconductor AS8SLC128K32Q-25L/IT Datasheet HTML 10Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8SLC128K32
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
10
AS8SLC128K32
Rev. 0.6 06/05
Austin Semiconductor, Inc.
*AVAILABLE PROCESSES
XT = Military Temperature Rang
-55oC to +125oC
IT = Industrial Temperature Range
-40oC to +85oC
883C = Full Military Processing
-55oC to +125oC
OPTION DEFINITIONS
L = 2V data retention/low power
ORDERING INFORMATION
Device Number
Package
Type
Speed
ns
Options Process
AS8SLC128K32
Q
-20
L
/*
AS8SLC128K32
Q
-25
L
/*
AS8SLC128K32
Q
-35
L
/*
AS8SLC128K32
Q
-45
L
/*
AS8SLC128K32
Q
-55
L
/*
Device Number
Package
Type
Speed
ns
Options Process
AS8SLC128K32
P
-20
L
/*
AS8SLC128K32
P
-25
L
/*
AS8SLC128K32
P
-35
L
/*
AS8SLC128K32
P
-45
L
/*
AS8SLC128K32
P
-55
L
/*
EXAMPLE: AS8SLC128K32Q-20/883C
EXAMPLE: AS8SLC128K32P-35L/IT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com