Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS28C010F-12/XT Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS28C010F-12/XT
Description  128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS28C010F-12/XT Datasheet(HTML) 3 Page - Austin Semiconductor

  AS28C010F-12/XT Datasheet HTML 1Page - Austin Semiconductor AS28C010F-12/XT Datasheet HTML 2Page - Austin Semiconductor AS28C010F-12/XT Datasheet HTML 3Page - Austin Semiconductor AS28C010F-12/XT Datasheet HTML 4Page - Austin Semiconductor AS28C010F-12/XT Datasheet HTML 5Page - Austin Semiconductor AS28C010F-12/XT Datasheet HTML 6Page - Austin Semiconductor AS28C010F-12/XT Datasheet HTML 7Page - Austin Semiconductor AS28C010F-12/XT Datasheet HTML 8Page - Austin Semiconductor AS28C010F-12/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS28C010
AS28C010
Rev. 1.5 5/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
FUNCTIONAL DESCRIPTION
READ
Read operations are initiated by both OE\ and CE\ LOW.
The read operation is terminated by either CE\ or OE\ returning
HIGH. This two line control architecture eliminates bus
contention in a system environment. The data bus will be in a
high impedance state when either OE\ or CE\ is HIGH.
WRITE
Write operations are initiated when both CE\ and WE\ are
LOW and OE\ is HIGH. The AS28C010 supports both a CE\
and WE\ controlled write cycle. That is, the address is latched
by the falling edge of either CE\ or WE\, whichever occurs last.
Similarly, the data is latched internally by the rising edge of
either CE\ or WE\, whichever occurs first. A byte write
operation, once initiated, will automatically continue to
completion, typically within 5ms.
PAGE WRITE
The page write feature of the AS28C010 allows the entire
memory to be written in 5 seconds. Page write allows two to
two hundred fifty-six bytes of data to be consecutively written
to the AS28C010 prior to the commencement of the internal
programming cycle. The host can fetch data from another
device within the system during a page write operation (change
the source address), but the page address (A8 through A16)
for each subsequent valid write cycle to the part during this
operation must be the same as the initial page address.
The page write mode can be initiated during any write
operation. Following the initial byte write cycle, the host can
write an additional one to two hundred fifty six bytes in the
same manner as the first byte was written. Each successive
byte load cycle, started by the WE\ HIGH to LOW transition,
must begin within 100µs of the falling edge of the preceding
WE\. If a subsequent WE\ HIGH to LOW transition is not
detected within 100µs, the internal automatic programming cycle
will commence. There is no page write window limitation.
Effectively the page write window is infinitely wide, so long as
the host continues to access the device within the byte load
cycle time of 100µs.
WRITE
The AS28C010 provides the user two write operation
status bits. These can be used to optimize a system write cycle
time. The status bits are mapped onto the I/O bus as shown in
Figure 1.
Figure 1: Status Bit Assignment
DATA\ POLLING
The AS28C010 features DATA\ Polling as a method to
indicate to the host system that the byte write or page write
cycle has completed. DATA\ Polling allows a simple bit test
operation to determine the status of the AS28C010, eliminating
additional interrupt inputs or external hardware. During the
internal
programming
cycle,
any
attempt
to
read the last byte written will produce the complement of that
data on I/O7 (i.e., write data = 0xxx xxxx, read data = 1xxx xxxx).
Once the programming cycle is complete, I/O7 will reflect true
data. Note: If the AS28C010 is in the protected state and an
illegal write operation is attempted DATA\ Polling will not
operate.
TOGGLE BIT
The AS28C010 also provides another method for
determining when the internal write cycle is complete. During
the internal programming cycle, I/O6 will toggle from HIGH to
LOW and LOW to HIGH on subsequent attempts to read the
device. When the internal cycle is complete the toggling will
cease and the device will be accessible for additional read or
write operations.
0
4321
I/O
DP
TB
5
RESERVED
TOGGLE BIT
DATA\ POLLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com