Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F040CW-70/XT Datasheet(PDF) 9 Page - Austin Semiconductor

Part # AS29F040CW-70/XT
Description  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040CW-70/XT Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button AS29F040CW-70/XT Datasheet HTML 5Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 6Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 7Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 8Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 9Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 10Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 11Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 12Page - Austin Semiconductor AS29F040CW-70/XT Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
9
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
After an erase-suspended program operation is complete,
the system can once again read array data within
non-suspended sectors. The system can determine the status
of the program operation using the DQ7 or DQ6 status bits, just
as in the standard program operation. See “Write Operation
Status” for more information.
The system may also write the autoselect command
sequence when the device is in the Erase Suspend mode. The
device allows reading autoselect codes even at addresses within
erasing sectors, since the codes are not stored in the memory
array. When the device exits the autoselect mode, the device
reverts to the Erase Suspend mode, and is ready for another
valid operation. See “Autoselect Command Sequence” for more
information.
The system must write the Erase Resume command
(address bits are “don’t care”) to exit the erase suspend mode
and continue the sector erase operation. Further writes of the
Resume command are ignored. Another Erase Suspend
command can be written after the device has resumed erasing.
TABLE 4: Command Definitions
LEGEND:
X = Don’t Care.
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses latch on the falling edge of the WE\ or CE\ pulse, whichever happens later.
PD = Data to be programmed at location PA. Data latches on the rising edge of WE\ or CE\ pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or erased. Address bits A18-A16 uniquely select any sector.
NOTES:
1. See Table 1 for description of bus operations.
2. All values are in hexadecimal.
3. Except when reading array or autoselect data, all command bus cycles are write operations.
4. Address bits A18 - A11 are don’t care for unlock and command cycles, unless SA or PA required.
5. No unlock or command cycles required when reading array data.
6. The Reset command is required to return to reading array data when device is in the autoselect mode, or if DQ5 goes high (while the device is
providing status data).
7. The fourth cycle of the autoselect command sequence is a read cycle.
8. The data is 00h for an unprotected sector and 01h for a protected sector. See “Autoselect Command Sequence” for more information.
9. The system may read and program in non-erasing sectors, or enter the autoselect mode, when in the Erase Suspend mode. The Erase Suspend
command is valid only during a sector erase operation.
10. The Erase Resume command is valid only during the Erase Suspend mode.
Addr Data
Addr Data
Addr Data
Addr Data
Addr Data
Addr Data
1RA
RD
1
XXX
F0
Manufacturer ID
4
555
AA
2AA
55
555
90
X00
01
Device ID
4
555
AA
2AA
55
555
90
X01
A4
00
01
4
555
AA
2AA
55
555
A0
PA
PD
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
1
XXX
B0
1
XXX
30
Command Sequence
1
Bus Cycles
2,3,4
First
Second
Third
Fourth
Fifth
Sixth
Erase Resume
10
Read
5
Sector Protect Verify
8
Program
Chip Erase
Sector Erase
Erase Suspend
9
Reset
6
Autoselect
7
4
555
AA
2AA
55
555
90
SA
X02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com