Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS28C010F-25/XT Datasheet(PDF) 13 Page - Austin Semiconductor

Part # AS28C010F-25/XT
Description  128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS28C010F-25/XT Datasheet(HTML) 13 Page - Austin Semiconductor

Back Button AS28C010F-25/XT Datasheet HTML 6Page - Austin Semiconductor AS28C010F-25/XT Datasheet HTML 7Page - Austin Semiconductor AS28C010F-25/XT Datasheet HTML 8Page - Austin Semiconductor AS28C010F-25/XT Datasheet HTML 9Page - Austin Semiconductor AS28C010F-25/XT Datasheet HTML 10Page - Austin Semiconductor AS28C010F-25/XT Datasheet HTML 11Page - Austin Semiconductor AS28C010F-25/XT Datasheet HTML 12Page - Austin Semiconductor AS28C010F-25/XT Datasheet HTML 13Page - Austin Semiconductor AS28C010F-25/XT Datasheet HTML 14Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS28C010
AS28C010
Rev. 1.5 5/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
13
Austin Semiconductor, Inc.
ORDERING INFORMATION
EXAMPLE: AS28C010CW-15/883C
EXAMPLE: AS28C010F-15/883C
Device Number
Package
Type
Speed
ns
Process
Device Number
Package
Type
Speed
ns
Process
AS28C010
CW
-12
/*
AS28C010
F
-12
/*
AS28C010
CW
-15
/*
AS28C010
F
-15
/*
AS28C010
CW
-20
/*
AS28C010
F
-20
/*
AS28C010
CW
-25
/*
AS28C010
F
-25
/*
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Class M Processing
-55oC to +125oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com