Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS161F014/XT Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS161F014/XT
Description  High Speed Differential Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS161F014/XT Datasheet(HTML) 7 Page - Austin Semiconductor

  AS161F014/XT Datasheet HTML 1Page - Austin Semiconductor AS161F014/XT Datasheet HTML 2Page - Austin Semiconductor AS161F014/XT Datasheet HTML 3Page - Austin Semiconductor AS161F014/XT Datasheet HTML 4Page - Austin Semiconductor AS161F014/XT Datasheet HTML 5Page - Austin Semiconductor AS161F014/XT Datasheet HTML 6Page - Austin Semiconductor AS161F014/XT Datasheet HTML 7Page - Austin Semiconductor AS161F014/XT Datasheet HTML 8Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
V
V
V
V
VOL
OL
OL
OL
OLT
TT
T
TA
A
A
A
AGE
GE
GE
GE
GE
COMP
COMP
COMP
COMP
COMPARA
ARA
ARA
ARA
ARAT
TT
T
TOR
OR
OR
OR
OR
AS161
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
7
AS161
Rev. 0.3 6/05
Austin Semiconductor, Inc.
Package Designator T010
MECHANICAL DEFINITIONS*
*All measurements are in inches.
MIN
MAX
A
0.165
0.185
b
0.016
0.019
D
0.335
0.375
D1
0.305
0.335
D2
0.110
0.160
e
e1
F
---
0.040
k
0.027
0.034
k1
0.027
0.045
L
0.500
0.750
Q
0.010
0.045
α
SYMBOL
ASI SPECIFICATIONS
0.230 BSC
0.115 BSC
36° BSC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com