Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1185F/IT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS1185F/IT
Description  Low Dropout Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1185F/IT Datasheet(HTML) 4 Page - Austin Semiconductor

  AS1185F/IT Datasheet HTML 1Page - Austin Semiconductor AS1185F/IT Datasheet HTML 2Page - Austin Semiconductor AS1185F/IT Datasheet HTML 3Page - Austin Semiconductor AS1185F/IT Datasheet HTML 4Page - Austin Semiconductor AS1185F/IT Datasheet HTML 5Page - Austin Semiconductor AS1185F/IT Datasheet HTML 6Page - Austin Semiconductor AS1185F/IT Datasheet HTML 7Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LOW DROPOUT
LOW DROPOUT
LOW DROPOUT
LOW DROPOUT
LOW DROPOUT
REGULA
REGULA
REGULA
REGULA
REGULAT
TT
T
TOR
OR
OR
OR
OR
AS1185
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
4
AS1185
Rev. 1.1 6/05
Austin Semiconductor, Inc.
SETTING OUTPUT VOLTAGE
The AS1185 output voltage is set by two external resistors
(see Figure 2). Internal reference voltage is trimmed to 2.37V so
that a standard 1% 2.37k resistor (R1) can be used to set divider
current at 1mA. R2 is then selected from:
(V
OUT
- 2.37) R1
R2 =
V
REF
for R1 = 2.37k and V
REF
= 2.37V, this reduces to:
R2 = V
OUT
- 2.37k
suggested values of 1% resistors are shown.
External Current Limit
The AS1185 requires a resistor to set current limit. The value
of this resistor is 15k divided by the desired current limit (in
amps). The resistor for 2A current limit would be 15k/2A = 7.5k.
Tolerance over temperature is ±10%, so current limit is normally
set 15% above maximum load current. Foldback limiting can be
employed if short-circuit current must be lower than full load
current (see Typical Applications).
The AS1185 has internal current limiting which will override
external current limit if power in the pass transistor is
excessive. The internal limit is
≈ 3.6A with a foldback
characteristic which is dependent on input-output voltage, not
output voltage per se (see Typical Performace Characteristics).
Assembly considerations for this package requires that
the fixed internal current limit circuit be bypassed at all times.
An external current limit resistor set to a maximum of 2.7A
must be used. Failure to do so on this package can result in
damage to the device.
VOUT
R2 WHEN R1 = 2.37k
5V
2.67k
5.2V
2.87k
6V
3.65k
12V
9.76k
15V
12.7k



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com