Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2111C016/XT Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS2111C016/XT
Description  Dual Voltage Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS2111C016/XT Datasheet(HTML) 2 Page - Austin Semiconductor

  AS2111C016/XT Datasheet HTML 1Page - Austin Semiconductor AS2111C016/XT Datasheet HTML 2Page - Austin Semiconductor AS2111C016/XT Datasheet HTML 3Page - Austin Semiconductor AS2111C016/XT Datasheet HTML 4Page - Austin Semiconductor AS2111C016/XT Datasheet HTML 5Page - Austin Semiconductor AS2111C016/XT Datasheet HTML 6Page - Austin Semiconductor AS2111C016/XT Datasheet HTML 7Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Dual
Dual
Dual
Dual
Dual V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS2111
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
2
AS2111
Rev. 1.6 6/05
Austin Semiconductor, Inc.
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
ABSOLUTE MAXIMUM RATINGS*
Total Supply Voltage (V+ -- V-) .....................................................36V
Output to Negative Supply Voltage (V
OUT --V-)..........................50V
Ground to Negative Supply Voltage (GND -- V-)........................30V
Differential Input Voltage.............................................................±30V
Input Voltage
1................................................................................±15V
Power Dissipation
2...................................................................500mW
Output Short Circuit Duration....................................................10sec
Operating Temperature Range.................................-55°C to +125°C
Storage Temperature Range........................................-65°C to 150°C
Lead Temperature (Soldering, 10sec).......................................300°C
ELECTRICAL CHARACTERISTICS: Each Side3
PARAMETER
CONDITIONS
TYP
MAX
UNITS
Input Offset Voltage
4
TA = 25°C, RS < 50k
3.0
mV
Input Offset Current
4
TA = 25°C
10
nA
Input Bias Current
TA = 25°C
100
nA
Voltage Gain
TA = 25°C
200
V/mV
Response Time
5
TA = 25°C
200
ns
Saturation Voltage
VIN < -5mV, IOUT = 50mA, TA = 25°C
1.5
V
Strobe On Current
TA = 25°C
3.0
mA
Output Leakage Current
VIN > 5mV, IOUT = 35V, TA = 25°C
10
nA
Input Offset Voltage
4
RS < 50k
4.0
mV
Input Offset Current
4
20
nA
Input Bias Current
150
nA
Input Voltage Range
±14
V
Saturation Voltage
V+ > 4.5V, V- = 0, VIN < -5mV, ISINK < 8mA
0.4
V
Positive Supply Current
TA = 25°C
6.0
mA
Negative Supply Current
TA = 25°C
5.0
mA
NOTES:
1. This rating applies for ±15V supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage limit is equal
to the negative supply voltage or 30V below the positive supply, whichever is less.
2. The maximum junction temperature is 150°C. For operating at elevated temperatures, devices in the flat package, the derating is based on a
thermal resistance of 185°C/W when mounted on a 1/16-inch-thick epoxy glass board with 0.03-inch-wide, 2 ounce copper conductor. The thermal
resistance of the dual-in-line package is 100°C/V, junction to ambient.
3. These specifications apply for V
S
= ±15V and -55°C < T
A
< 125°C, unless otherwise stated. The offset voltage, offset current and bias current
specifications apply for any supply voltage from a single 5V supply up to ±15V supplies.
4. The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with a 1mA load.
Thus, these parameters define an error band and take into account the worst case effects of voltage gain and input impedance.
5. The response time specified is for a 100mV input step with 5mV overdrive.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com