Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS111PC008/883C Datasheet(PDF) 20 Page - Austin Semiconductor

Part # AS111PC008/883C
Description  Voltage Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS111PC008/883C Datasheet(HTML) 20 Page - Austin Semiconductor

Back Button AS111PC008/883C Datasheet HTML 14Page - Austin Semiconductor AS111PC008/883C Datasheet HTML 15Page - Austin Semiconductor AS111PC008/883C Datasheet HTML 16Page - Austin Semiconductor AS111PC008/883C Datasheet HTML 17Page - Austin Semiconductor AS111PC008/883C Datasheet HTML 18Page - Austin Semiconductor AS111PC008/883C Datasheet HTML 19Page - Austin Semiconductor AS111PC008/883C Datasheet HTML 20Page - Austin Semiconductor AS111PC008/883C Datasheet HTML 21Page - Austin Semiconductor AS111PC008/883C Datasheet HTML 22Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
20
AS111 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
ASI Case (Package Designator TO08)
SMD 5962-86877, Case Outline G
MECHANICAL DEFINITIONS*
*All measurements are in inches.
MIN
MAX
A
0.165
0.185
b
0.016
0.019
b1
0.016
0.021
b2
0.016
0.024
D
0.335
0.375
D1
0.305
0.335
D2
0.110
0.160
e
e1
F
---
0.040
k
0.027
0.034
k1
0.027
0.045
L
0.500
0.750
L1
---
0.050
L2
0.250
---
Q
0.010
0.045
α
β
0.200 BSC
0.100 BSC
45° BSC
45° BSC
SYMBOL
ASI SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com