Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29372F/IT Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS29372F/IT
Description  LOW-DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29372F/IT Datasheet(HTML) 2 Page - Austin Semiconductor

  AS29372F/IT Datasheet HTML 1Page - Austin Semiconductor AS29372F/IT Datasheet HTML 2Page - Austin Semiconductor AS29372F/IT Datasheet HTML 3Page - Austin Semiconductor AS29372F/IT Datasheet HTML 4Page - Austin Semiconductor AS29372F/IT Datasheet HTML 5Page - Austin Semiconductor AS29372F/IT Datasheet HTML 6Page - Austin Semiconductor AS29372F/IT Datasheet HTML 7Page - Austin Semiconductor AS29372F/IT Datasheet HTML 8Page - Austin Semiconductor AS29372F/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
V
V
V
V
Volta
olta
olta
olta
oltaggggge R
e R
e R
e R
e Reeeeegula
gula
gula
gula
gulator
tor
tor
tor
tor
AS29372
AS29372
Rev. 2.6 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
Austin Semiconductor, Inc.
*Across the full operating temperature, the minimum input
voltage range for full output current is 4.3V to 26V. Output
will remain in-regulation at lower output voltages and low
current loads down to an input of 2V at 25°C.
ABSOLUTE MAXIMUM RATINGS1
Power Dissipation............................................Internally Limited
Lead Temperature (Soldering, 5 seconds)..........................260°C
Storage Temperature Range..............................-65°C to +150°C
Operating Junction Temperature Range...........-40°C to +125°C
θ
JC
= 14°C/W
Input Supply Voltage................................................-20V to +60V
Operating Input Supply Voltage*...................................2V to 26V
Adjust Input Voltage
9,10...........................................-1.5V to +26V
Shutdown Input Voltage...........................................-0.3V to +30V
Error Comparator Output Voltage.........................-0.3V to +30V
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for T
J
= 25°C and limits in boldface apply over the full operating temperature range,
-40°C to +125°C. Unless otherwise specified, V
IN
= V
OUT
+ 1V, I
L
= 5mA, C
L
= 10µF. The AS29372 are programmed for a
5V output voltage, and V
SHUTDOWN
< 0.6V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆VO/∆T
Output Voltage
Temperature Coef.
(note 2)
20
100
ppm/°C
∆VO/∆VIN Line Regulation
VIN = VOUT + 1V to 26V
IL = 2mA
0.03
0.10
0.40
%
∆VO/∆IL Load Regulation
IL = 5 to 700 mA
(note 3 & 4)
0.04
0.16
0.20
%
IL = 5mA
80
150
180
IL = 100mA
200
250
320
IL = 500mA
300
450
600
IL = 5mA, VO = 5 ± 0.1V
160
250
300
µA
IL = 100mA, VO = 5 ± 0.1V
1
2.5
3
IL = 500mA, VO = 5 ± 0.1V
8
13
16
∆VO/∆PD Thermal Regulation (note 9)
0.05
0.2
%/W
Reference Voltage
(note 7)
1.204
1.26
V
Adjust Pin
Bias Current
20
40
60
nA
mV
Dropout Voltage
(note 5)
VIN - VO
mA
IGND
Ground Pin Current
(note 6)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com