Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29372F/MIL Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS29372F/MIL
Description  LOW-DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29372F/MIL Datasheet(HTML) 1 Page - Austin Semiconductor

  AS29372F/MIL Datasheet HTML 1Page - Austin Semiconductor AS29372F/MIL Datasheet HTML 2Page - Austin Semiconductor AS29372F/MIL Datasheet HTML 3Page - Austin Semiconductor AS29372F/MIL Datasheet HTML 4Page - Austin Semiconductor AS29372F/MIL Datasheet HTML 5Page - Austin Semiconductor AS29372F/MIL Datasheet HTML 6Page - Austin Semiconductor AS29372F/MIL Datasheet HTML 7Page - Austin Semiconductor AS29372F/MIL Datasheet HTML 8Page - Austin Semiconductor AS29372F/MIL Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
V
V
V
V
Volta
olta
olta
olta
oltaggggge R
e R
e R
e R
e Reeeeegula
gula
gula
gula
gulator
tor
tor
tor
tor
AS29372
AS29372
Rev. 2.6 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
LOW-DROPOUT VOLTAGE
REGULATOR
AVAILABLE AS MILITARY
SPECIFICATIONS
MIL-STD-883, Class B para 1.2.2 compliant
FEATURES
High output voltage accuracy
Guaranteed 750mA output
Low quiescent current
Low dropout voltage
Extremely tight load and line regulation
Very low temperature coefficient
Current and thermal limiting
Input can withstand -20V reverse battery and +60V
positive transients
Logic-controlled electronic shutdown
Output programmable from 1.24V to 26V
Available in a 7-lead flatpack package
APPLICATIONS
Battery powered equipment
Cellular telephones
Laptop, notebook, and palmtop computers
PCMCIA V
CC
and V
PP
Regulation/Switching
Bar code scanners
Automotive electronics
SMPS post-regulator/DC to DC modules
High efficiency linear power supplies
OPTIONS
MARKING
Package
7-Lead Flatpack
F
For more products and information
please visit our web site at
www.austinsemiconductor.com
PIN ASSIGNMENT
(Top View)
7 Lead Flatpack (F)
1
7
2
3
4
5
6
GENERAL DESCRIPTION
The AS29372 is an efficient voltage regulator with very low
dropout voltage and very low quiescent current. Key features
include protection against reversed battery, fold-back current
limiting, and automotive “load dump” protection. A logic
compatible input is provided, which allows the device to be
switched on and off.
GND
SHDN
ADJ
V
IN
V
IN
OUT
OUT


Similar Part No. - AS29372F/MIL

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29372F/883C AUSTIN-AS29372F/883C Datasheet
184Kb / 10P
LOW-DROPOUT VOLTAGE REGULATOR
AS29372F/IT AUSTIN-AS29372F/IT Datasheet
184Kb / 10P
LOW-DROPOUT VOLTAGE REGULATOR
AS29372F/XT AUSTIN-AS29372F/XT Datasheet
184Kb / 10P
LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AS29372F/MIL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com