Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPAD0155-FCR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # LPAD0155-FCR
Description  PINAMP Mini-DIL Optical Receivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LPAD0155-FCR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  LPAD0155-FCR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LPAD0155-FCR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LDI Document #10-4400-0003 Rev. C 1/12/09
Outline
Products can be ordered directly from Laser Diode Inc. or its representatives.
When ordering, refer to the numbering diagram above.
For a complete listing of representatives, visit our website at www.laserdiode.com
Personal Hazard and Handling Precautions:
Handle optical fiber with normal care, avoiding
stretch, tension, twist, kink or bend abuse. ESD
precautions apply.
Warranty:
Please refer to your product purchase
agreement for complete details or check
with your Laser Diode sales representative.
Notice:
Laser Diode Inc. reserves the right
to make changes to the products or
information contained herein without
notice. No liability is assumed as a
result of their use or application.
Part Numbering Diagram
Dimensions: inches [mm]
Detailed package drawing is available upon request
Outline Drawing
Units
LPAD Series
Operating Temperature
°C
-40 to +85
Storage Temperature
°C
-40 to +85
Positive Supply Voltage
V
+5.5
Detector Bias
V
-10
Soldering time at 260°C
secs
10
Absolute Maximum Ratings
Mini-DIL Pinamps
LPAD
0XXX
-
XX
R
4Mb/s, 52Mb/s, 155Mb/s, 622Mb/s
Package Type
Data Rate
Connector Type
RoHS Designator
EXAMPLE: LPAD 0622-FC
Mini-DIL Pinamp at 622 Mb/s with FC connector
Pin No.
Description
1
-5 Volt Det Bias*
2, 3, 5, 6, 8
Gnd
4
Output
7
+5 Volts
*0V Det Bias Capable
PIN ASSIGNMENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com