Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8227ARZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8227ARZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8227ARZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8227ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8227ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8227ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8227ARZ-R7 Datasheet HTML 19Page - Analog Devices AD8227ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8227ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8227ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8227ARZ-R7 Datasheet HTML 23Page - Analog Devices AD8227ARZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8227
Rev. 0 | Page 21 of 2
4
INPUT BIAS CURRENT RETURN PATH
The other AD8227 terminals should be kept within the supplies.
All terminals of the AD8227 are protected against ESD.
The input bias current of the AD8227 must have a return path to
ground. When the source, such as a thermocouple, cannot provide
a return current path, one should be created, as shown in Figure 62.
For applications where the AD8227 encounters voltages beyond
the allowed limits, external current limiting resistors and low
leakage diode clamps such as the BAV199L, the FJH1100s, or
the SP720 should be used.
THERMOCOUPLE
+VS
REF
–VS
AD8227
CAPACITIVELY COUPLED
+VS
REF
C
C
–VS
AD8227
TRANSFORMER
+VS
REF
–VS
AD8227
INCORRECT
CAPACITIVELY COUPLED
+VS
REF
C
R
C
R
–VS
AD8227
1
fHIGH-PASS = 2πRC
THERMOCOUPLE
+VS
REF
–VS
10MΩ
AD8227
TRANSFORMER
+VS
REF
–VS
AD8227
CORRECT
RADIO FREQUENCY INTERFERENCE (RFI)
RF rectification is often a problem when amplifiers are used in
applications that have strong RF signals. The disturbance can
appear as a small dc offset voltage. High frequency signals can
be filtered with a low-pass RC network placed at the input of
the instrumentation amplifier, as shown in Figure 63. The filter
limits the input signal bandwidth, according to the following
relationship:
Figure 62. Creating an Input Bias Current Return Path
INPUT PROTECTION
The AD8227 has very robust inputs and typically does not need
additional input protection. Input voltages can be up to 40 V
from the opposite supply rail. For example, with a +5 V positive
supply and a −8 V negative supply, the part can safely withstand
voltages from −35 V to +32 V. Unlike some other instrumentation
amplifiers, the part can handle large differential input voltages
even when the part is in high gain. Figure 17 through Figure 20
show the behavior of the part under overvoltage conditions.
)
2
(
π
2
1
C
D
DIFF
C
C
R
uency
FilterFreq
+
=
C
CM
RC
uency
FilterFreq
π
2
1
=
where CD ≥ 10 CC.
R
R
AD8227
+VS
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–VS
RG
CD
10nF
CC
1nF
CC
1nF
4.02kΩ
4.02kΩ
Figure 63. RFI Suppression
CD affects the differential signal and CC affects the common-
mode signal. Values of R and CC should be chosen to minimize
RFI. A mismatch between R × CC at the positive input and
R × CC at the negative input degrades the CMRR of the AD8227.
By using a value of CD one magnitude larger than CC, the effect
of the mismatch is reduced, and performance is improved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com