Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8227BRMZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8227BRMZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8227BRMZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8227BRMZ-R7 Datasheet HTML 16Page - Analog Devices AD8227BRMZ-R7 Datasheet HTML 17Page - Analog Devices AD8227BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8227BRMZ-R7 Datasheet HTML 19Page - Analog Devices AD8227BRMZ-R7 Datasheet HTML 20Page - Analog Devices AD8227BRMZ-R7 Datasheet HTML 21Page - Analog Devices AD8227BRMZ-R7 Datasheet HTML 22Page - Analog Devices AD8227BRMZ-R7 Datasheet HTML 23Page - Analog Devices AD8227BRMZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8227
Rev. 0 | Page 22 of 2
4
APPLICATIONS INFORMATION
DIFFERENTIAL DRIVE
Figure 64 shows how to configure the AD8227 for differential
output.
+IN
–IN
REF
AD8227
VBIAS
R
+
OP AMP
+OUT
–OUT
R
RECOMMENDED OP AMPS: AD8515, AD8641, AD820.
RECOMMENDED R VALUES: 5kΩ to 20kΩ.
Figure 64. Differential Output Using an Op Amp
The differential output is set by the following equation:
VDIFF_OUT = VOUT+ − VOUT− = Gain × (VIN+ − VIN−)
The common-mode output is set by the following equation:
VCM_OUT = (VOUT+ − VOUT−)/2 = VBIAS
The advantage of this circuit is that the dc differential accuracy
depends on the AD8227 and not on the op amp or the resistors.
This circuit takes advantage of the AD8227’s precise control of
its output voltage relative to the reference voltage. Op amp dc
performance and resistor matching affect the dc common-mode
output accuracy. However, because common-mode errors are
likely to be rejected by the next device in the signal chain, these
errors typically have little effect on overall system accuracy.
Tips for Best Differential Output Performance
For best ac performance, an op amp with at least 2 MHz gain
bandwidth and 1 V/μs slew rate is recommended. Good choices
for op amps are the AD8641, AD8515, or AD820.
Keep trace lengths from resistors to the inverting terminal of
the op amp as short as possible. Excessive capacitance at this
node can cause the circuit to be unstable. If capacitance cannot
be avoided, use lower value resistors.
PRECISION STRAIN GAGE
The low offset and high CMRR over frequency of the AD8227
make it an excellent choice for bridge measurements. The
bridge can be connected directly to the inputs of the amplifier
(see Figure 65).
5V
2.5V
10µF
0.1µF
AD8227
+IN
–IN
RG
350Ω
350Ω
350Ω
350Ω
+
Figure 65. Precision Strain Gage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com