Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8276BRZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8276BRZ-R7
Description  Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8276BRZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8276BRZ-R7 Datasheet HTML 1Page - Analog Devices AD8276BRZ-R7 Datasheet HTML 2Page - Analog Devices AD8276BRZ-R7 Datasheet HTML 3Page - Analog Devices AD8276BRZ-R7 Datasheet HTML 4Page - Analog Devices AD8276BRZ-R7 Datasheet HTML 5Page - Analog Devices AD8276BRZ-R7 Datasheet HTML 6Page - Analog Devices AD8276BRZ-R7 Datasheet HTML 7Page - Analog Devices AD8276BRZ-R7 Datasheet HTML 8Page - Analog Devices AD8276BRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8276/AD8277
Rev. A | Page 3 of 20
SPECIFICATIONS
VS = ±5 V to ±15 V, VREF = 0 V, TA = 25°C, RL = 10 kΩ connected to ground, G = 1 difference amplifier configuration, unless
otherwise noted.
Table 2.
G = 1
Grade B
Grade A
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
System Offset1
100
200
100
500
μV
vs. Temperature
TA = −40°C to +85°C
200
500
μV
Average Temperature
Coefficient
TA = −40°C to +85°C
0.5
2
2
5
μV/°C
vs. Power Supply
VS = ±5 V to ±18 V
5
10
μV/V
Common-Mode Rejection
Ratio (RTI)
VS = ±15 V, VCM = ±27 V,
RS = 0 Ω
86
80
dB
Input Voltage Range2
−2(VS + 0.1)
+2(VS − 1.5)
−2(VS + 0.1)
+2(VS − 1.5)
V
Impedance3
Differential
80
80
kΩ
Common Mode
40
40
kΩ
DYNAMIC PERFORMANCE
Bandwidth
550
550
kHz
Slew Rate
0.9
1.1
0.9
1.1
V/μs
Settling Time to 0.01%
10 V step on output,
CL = 100 pF
15
15
μs
Settling Time to 0.001%
16
16
μs
Channel Separation
f = 1 kHz
130
130
dB
GAIN
Gain Error
0.005
0.02
0.01
0.05
%
Gain Drift
TA = −40°C to +85°C
1
5
ppm/°C
Gain Nonlinearity
VOUT = 20 V p-p
5
10
ppm
OUTPUT CHARACTERISTICS
Output Voltage Swing4
VS = ±15 V, RL = 10 kΩ,
TA = −40°C to +85°C
−VS + 0.2
+VS − 0.2
−VS + 0.2
+VS − 0.2
V
Short-Circuit Current Limit
±15
±15
mA
Capacitive Load Drive
200
200
pF
NOISE5
Output Voltage Noise
f = 0.1 Hz to 10 Hz
2
2
μV p-p
f = 1 kHz
65
70
65
70
nV/√Hz
POWER SUPPLY
Supply Current6
200
200
μA
vs. Temperature
TA = −40°C to +85°C
250
250
μA
Operating Voltage Range7
±2
±18
±2
±18
V
TEMPERATURE RANGE
Operating Range
−40
+125
−40
+125
°C
1 Includes input bias and offset current errors, RTO (referred to output).
2 The input voltage range may also be limited by absolute maximum input voltage or by the output swing. See the
section in the The
section for details.
Input Voltage Range
ory of
Operation
3 Internal resistors are trimmed to be ratio matched and have ±20% absolute accuracy.
4 Output voltage swing varies with supply voltage and temperature. See Figur
through
for details.
e 18
Figure 21
5 Includes amplifier voltage and current noise, as well as noise from internal resistors.
6 Supply current varies with supply voltage and temperature. See Figure
and
for details.
22
Figure 24
7 Unbalanced dual supplies can be used, such as −VS = −0.5 V and +VS = +2 V. The positive supply rail must be at least 2 V above the negative supply and reference
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com