Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8277ARZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8277ARZ-R7
Description  Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8277ARZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8277ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8277ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8277ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8277ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8277ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8277ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8277ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8277ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8277ARZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8276/AD8277
Rev. A | Page 11 of 20
30
25
20
15
10
5
0
–5
–10
–15
–20
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
ISHORT+
ISHORT–
Figure 25. Short-Circuit Current Per Channel vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
–SR
+SR
Figure 26. Slew Rate vs. Temperature, VIN = 20 V p-p, 1 kHz
8
6
4
2
0
–2
–4
–6
–8
–10
–8
–6
–4
–2
02468
10
OUTPUT VOLTAGE (V)
Figure 27. Gain Nonlinearity, VS = ±15 V, RL ≥ 2 kΩ
0.002%/DIV
5V/DIV
11.24 µs TO 0.01%
13.84µs TO 0.001%
40µs/DIV
TIME (µs)
Figure 28. Large-Signal Pulse Response and Settling Time, 10 V Step,
VS = ±15 V
0.002%/DIV
1V/DIV
4.34 µs TO 0.01%
5.12µs TO 0.001%
40µs/DIV
TIME (µs)
Figure 29. Large-Signal Pulse Response and Settling Time, 2 V Step,
VS = 2.7 V
10µs/DIV
Figure 30. Large-Signal Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com