Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8277BRZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8277BRZ-R7
Description  Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8277BRZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8277BRZ-R7 Datasheet HTML 12Page - Analog Devices AD8277BRZ-R7 Datasheet HTML 13Page - Analog Devices AD8277BRZ-R7 Datasheet HTML 14Page - Analog Devices AD8277BRZ-R7 Datasheet HTML 15Page - Analog Devices AD8277BRZ-R7 Datasheet HTML 16Page - Analog Devices AD8277BRZ-R7 Datasheet HTML 17Page - Analog Devices AD8277BRZ-R7 Datasheet HTML 18Page - Analog Devices AD8277BRZ-R7 Datasheet HTML 19Page - Analog Devices AD8277BRZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD8276/AD8277
Rev. A | Page 20 of 20
Figure 56. 14-Lead Standard Small Outline Package [SOIC_N]
Narrow Body (R-14)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8276ARZ1
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8276ARZ-R71
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8276ARZ-RL1
−40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8276BRZ1
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8276BRZ-R71
−40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8276BRZ-RL1
−40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8276ARMZ1
−40°C to +85°C
8-Lead MSOP
RM-8
H1P
AD8276ARMZ-R71
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H1P
AD8276ARMZ-RL1
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
H1P
AD8276BRMZ1
−40°C to +85°C
8-Lead MSOP
RM-8
H1Q
AD8276BRMZ-R71
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H1Q
AD8276BRMZ-RL1
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
H1Q
AD8277ARZ1
−40°C to +85°C
14-Lead SOIC_N
R-14
AD8277ARZ-R71
−40°C to +85°C
14-Lead SOIC_N, 7" Tape and Reel
R-14
AD8277ARZ-RL1
−40°C to +85°C
14-Lead SOIC_N, 13" Tape and Reel
R-14
AD8277BRZ1
−40°C to +85°C
14-Lead SOIC_N
R-14
AD8277BRZ-R71
−40°C to +85°C
14-Lead SOIC_N, 7" Tape and Reel
R-14
AD8277BRZ-RL1
−40°C to +85°C
14-Lead SOIC_N, 7" Tape and Reel
R-14
1 Z = RoHS Compliant Part.
©2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07692-0-7/09(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com