Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP52-0002SAM Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # DP52-0002SAM
Description  Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DP52-0002SAM Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  DP52-0002SAM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DP52-0002SAM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DP52-0002SAM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. DP52-0002SAM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Cost SMT Dual Band Diplexer
AMPS/PCS and GSM/DCS
Rev. V3
DP52-0002
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
824 – 960 / 1850 – 1990 MHz Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Units
Min
Typ
Max
Passband Insertion Loss
dB
—
0.5
0.8
Stopband Isolation
dB
12
18
—
Passband VSWR
—
—
1.4:1
1.7:1
Parameter
Units
Min
Typ
Max
Passband Insertion Loss
dB
—
0.5
0.9
Stopband Isolation
dB
12
18
—
Passband VSWR
—
—
1.5:1
1.8:1
880 – 960 / 1700 – 1900 MHz Electrical Specifications: TA = 25°C, Z0 = 50Ω
Recommended PCB Configuration
Absolute Maximum Ratings
3,4
Parameter
Absolute Maximum
Input Power
2W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3.
Exceeding any one or combination of these limits may
cause permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
GMIC
Circuits
are
sensitive
to
electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com