Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548BCPZ Datasheet(PDF) 87 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 87 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 83Page - Analog Devices AD9548BCPZ Datasheet HTML 84Page - Analog Devices AD9548BCPZ Datasheet HTML 85Page - Analog Devices AD9548BCPZ Datasheet HTML 86Page - Analog Devices AD9548BCPZ Datasheet HTML 87Page - Analog Devices AD9548BCPZ Datasheet HTML 88Page - Analog Devices AD9548BCPZ Datasheet HTML 89Page - Analog Devices AD9548BCPZ Datasheet HTML 90Page - Analog Devices AD9548BCPZ Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 112 page
background image
AD9548
Rev. 0 | Page 87 of 112
Table 94. R-Divider—Profile 11
Address
Bits
Bit Name
Description
0650
[7:0]
R
R, Bits[7:0]
0651
[7:0]
R, Bits[15:8]
0652
[7:0]
R, Bits[23:16]
0653
[7:6]
Unused
[5:0]
R
R, Bits[29:24]
1 The value stored in the R-divider register yields an actual divide ratio of one more than the programmed value.
Table 95. S-Divider—Profile 11
Address
Bits
Bit Name
Description
0654
[7:0]
S
S, Bits[7:0]
0655
[7:0]
S, Bits[15:8]
0656
[7:0]
S, Bits[23:16]
0657
[7:6]
Unused
[5:0]
S
S, Bits[29:24]
1 The value stored in the S-divider register yields an actual divide ratio of one more than the programmed value. Furthermore, the value of S must be at least 7.
Table 96. Fractional Feedback Divider—Profile 1
Address
Bits
Bit Name
Description
0658
[7:0]
V
V, Bits[7:0]
0659
[7:4]
U
U, Bits[3:0]
[3:2]
Unused
[1:0]
V
V, Bits[9:8]
065A
[7:6]
Unused
[5:0]
U
U, Bits[9:4]
Table 97. Lock Detectors—Profile 1
Address
Bits
Bit Name
Description
065B
[7:0]
Phase lock threshold
(in picoseconds)
Phase lock threshold, Bits[7:0]
065C
[7:0]
Phase lock threshold, Bits[15:8]
065D
[7:0]
Phase lock fill rate
Phase lock fill rate, Bits[7:0]
065E
[7:0]
Phase lock drain rate
Phase lock drain rate, Bits[7:0]
065F
[7:0]
Frequency lock threshold
(in picoseconds)
Frequency lock threshold, Bits[7:0]
0660
[7:0]
Frequency lock threshold, Bits[15:8]
0661
[7:0]
Frequency lock threshold, Bits[23:16]
0662
[7:0]
Frequency lock fill rate
Frequency lock fill rate, Bits[7:0]
0663
[7:0]
Frequency lock drain rate
Frequency lock drain rate, Bits[7:0]
0664 to 067F
[7:0]
Unused
Register 0680 to Register 06B1—Profile 2
Table 98. Priorities—Profile 2
Address
Bits
Bit Name
Description
0680
[7:6]
Unused
[5:3]
Promoted priority
User-assigned priority level (0 to 7) of the reference associated with Profile 2 while
that reference is the active reference. The numeric value of the promoted priority
must be less than or equal to the numeric value of the selection priority.
[2:0]
Selection priority
User-assigned priority level (0 to 7) of the reference associated with Profile 2, which
ranks that reference relative to the others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com