Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4627-1ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4627-1ACPZ-R7
Description  36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4627-1ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4627-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4627-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADA4627-1
Rev. A | Page 12 of 16
THEORY OF OPERATION
The ADA4627-1 is a high speed, unity gain stable amplifier with
excellent dc characteristics. The typical offset voltage of 70 μV
allows the amplifier to be easily configured for high gains
without the risk of excessive output voltage errors. The small
temperature drift of 2 μV/°C ensures a minimum offset voltage
error over the entire temperature range of −40°C to +125°C,
making the amplifier ideal for a variety of sensitive measure-
ment applications in harsh operating environments.
INPUT VOLTAGE RANGE
The ADA4627-1 is not a rail-to-rail input amplifier, thus, care
is required to ensure that both inputs do not exceed the input
voltage range. Under normal negative feedback operating
conditions, the amplifier corrects its output to ensure that
the two inputs are at the same voltage. However, if either input
exceeds the input voltage range, the loop opens and large
currents begin to flow through the ESD protection diodes in
the amplifier.
These diodes are connected between the inputs and each supply
rail to protect the input transistors against an electrostatic discharge
event, and they are normally reverse-biased. However, if the
input voltage exceeds the supply voltage, these ESD diodes can
become forward-biased. Without current limiting, excessive
amounts of current may flow through these diodes, causing
permanent damage to the device. If inputs are subject to over-
voltage, insert appropriate series resistors to limit the diode
current to less than 5 mA.
INPUT OFFSET VOLTAGE ADJUST RANGE
The ADA4627-1 SOIC package has offset adjust pins for
compatibility with some existing designs. The recommended
offset nulling circuit is shown in Figure 37.
2
3
6
7
4
ADA4627-1
–VS
+VS
100kΩ
1
5
Figure 37. Standard Offset Null Circuit
With a 100 kΩ potentiometer, the adjustment range is
more than ±11 mV. However, the VOS temperature drift
increases by several μV/°C for every millivolt of offset adjust.
The ADA4627-1 has matching thin film resistors that are laser
trimmed at two temperatures to minimize both offset voltage
and offset voltage drift. The offset voltage at room temperature
is less than 0.5 mV, and the offset voltage drift is only a few
μV/ºC or less, therefore, it is not recommended to use the offset
adjust pins, especially for offset adjust of a complete signal
chain. Signal chain offset can be addressed with an auto-
zero amplifier used to form a composite amplifier, or if the
ADA4627-1 is at an inverting amplifier stage, it can be modified
easily to create a summing amplifier where a potentiometer can
be added (see Figure 38). The LFCSP package does not have
offset adjust pins.
2
3
6
ADA4627-1
+
VOUT
VIN
+
RF
RIN
200Ω
100kΩ
499kΩ
499kΩ
0.1µF
–VS
+VS
Figure 38. Alternate Offset Null Circuit for Inverting Stage
INPUT BIAS CURRENT
Because the ADA4627-1 has a JFET input stage, the input bias
current, due to the reverse-biased junction, has a leakage
current that approximately doubles every 10°C. The power
dissipation of the part, combined with the thermal resistance of
the package, results in the junction temperature increasing 20 to
30 degrees Centigrade above ambient. This parameter is tested
with high speed ATE equipment, which does not result in the
die temperature reaching equilibrium. This is correlated with
bench measurements to match the guaranteed maximum at
room temperature in Table 2.
The input current can be reduced by keeping the temperature as
low as possible and using a light load on the output.
NOISE CONSIDERATIONS
The JFET input stage offers very low input voltage noise and
input current noise. The thermal noise of a 1 kΩ resistor at
room temperature is 4 nV/√Hz, thus low values of resistance
should be used for dc-coupled inverting and noninverting
amplifier configurations. In the case of transimpedance
amplifiers (TIAs), current noise is more important.
The ADA4627-1 is an excellent choice for both of these appli-
cations. Analog Devices offers a wide variety of low voltage
noise and low current noise op amps in a variety of processes
optimized for different supply voltage ranges. Refer to
Application Note AN-940 for a complete discussion of noise,
calculations, and selection tables for more than three dozen
low noise, op amp families.
THD + N MEASUREMENTS
Total harmonic distortion plus noise (THD + N) is usually
measured with an audio analyzer from Audio Precision, Inc.
The analyzer consists of a low distortion oscillator that is swept
from the starting frequency to the ending frequency. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com