Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4691-2ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4691-2ACPZ-R2
Description  Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4691-2ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4691-2ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4691-2ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4691-2ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4691-2ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4691-2ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4691-2ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4691-2ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4691-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4691-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual, Low Power, Wideband, Low Noise,
Rail-to-Rail Output, Operational Amplifiers
ADA4691-2/ADA4692-2
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Low power: 200 μA typical, 250 μA maximum
Low distortion: 0.003% THD + N
Low noise: 16 nV/√Hz typical
3.9 MHz bandwidth
Slew rate: 1.4 V/μs typical
Offset voltage: 500 μV typical
Low offset voltage drift: 4 μV/°C maximum
Very low input bias currents: 0.5 pA typical
2.7 V to 5 V single supply or ±1.35 V to ±2.5 V dual supply
APPLICATIONS
Portable audio: MP3, PDA, smart phone, notebook
Portable instrumentation
Portable medical devices
Photodiode amplifiers
Sensor amplifiers
Low-side current sense
ADC drivers
Active filters
Sample-and-hold
Automotive sensors
PIN CONFIGURATIONS
OUT A 1
–IN 2
+IN 3
V– 4
V+
8
OUT B
7
–IN B
6
ADA4692-2
TOP VIEW
(Not to Scale)
+IN B
5
6
7
2
1
3
+IN
Figure 1. 8-Lead SOIC_N (R-8)
A
–IN A
V–
8
+IN B
–IN B
OUT B
TOP VIEW
(Not to Scale)
ADA4691-2
Figure 2. 10-Lead LFCSP (CP-10-11)
GENERAL DESCRIPTION
The ADA4691-2 and ADA4692-2 are dual, rail-to-rail output,
single-supply amplifiers featuring low power, wide bandwidth,
and low noise. The ADA4691-2 has two independent shutdown
pins, allowing further reduction in supply current. These
amplifiers are ideal for a wide variety of applications. Audio
preamps, filters, IR/photodiode amplifiers, charge amps, and
high impedance sensors all benefit from this combination of
performance features.
Applications for these amplifiers include consumer audio
personal players with low noise and low distortion that provide
enough gain and slew rate response over the audio band at low
power. Industrial applications with high impedance sensors,
such as pyroelectric sensors and other IR sensors, benefit from
the high impedance input, low offset drift, and enough
bandwidth and response for low gain applications.
The ADA4691-2 and ADA4692-2 are specified over the extended
industrial temperature range (−40°C to +125°C). The ADA4691-2
is available in a 10-lead LFCSP package, and the ADA4692-2 is
available in an 8-lead SOIC package.


Similar Part No. - ADA4691-2ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4691-2ACPZ-R7 AD-ADA4691-2ACPZ-R7 Datasheet
804Kb / 19P
Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
More results

Similar Description - ADA4691-2ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL971 TI-TL971 Datasheet
316Kb / 13P
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4692 AD-ADA4692 Datasheet
706Kb / 20P
Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
REV. D
logo
Texas Instruments
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 33P
Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
ADA4691-2 AD-ADA4691-2_V01 Datasheet
804Kb / 19P
Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com