Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4950-2YCPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4950-2YCPZ-R2
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-2YCPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4950-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4950-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4950-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4950-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4950-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4950-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4950-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4950-2YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4950-2YCPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADA4950-1/ADA4950-2
Rev. 0 | Page 17 of
28
TERMINOLOGY
+IN
–IN
+OUT
–OUT
+INA
+INB
–INB
–INA
VOCM
RGA
500Ω
VOUT, dm
RL, dm
ADA4950-x
RGB
250Ω
RGB
250Ω
RF
500Ω
RF
500Ω
RGA
500Ω
Figure 52. Signal and Circuit Definitions
Differential Voltage
Differential voltage refers to the difference between two node
voltages. For example, the output differential voltage (or equiv-
alently, output differential node voltage) is defined as
VOUT, dm = (V+OUT − V−OUT)
where V+OUT and V−OUT refer to the voltages at the +OUT and
−OUT output terminals with respect to a common ground
reference.
The input differential voltage is defined in different ways,
depending upon the selected gain.
For G = 1
VIN, dm = (+INA − (−INA))
where +INA and −INA refer to the voltages at the +INA and
−INA input terminals with respect to a common ground
reference (input terminals +INB and −INB are floating).
For G = 2
VIN, dm = (+INB − (−INB))
where +INB and −INB refer to the voltages at the +INB and
−INB input terminals with respect to a common ground
reference (input terminals +INA and −INA are floating).
For G = 3, input terminals +INA and +INB are connected
together, and input terminals −INA and −INB are connected
together.
VIN, dm = (+INAB − (−INAB))
where +INAB and −INAB refer to the voltages at the connection
of input terminals +INA and +INB and at the connection of
input terminals −INA and −INB with respect to a common
ground reference.
Common-Mode Voltage
Common-mode voltage refers to the average of two node
voltages with respect to the local ground reference. The output
common-mode voltage is defined as
VOUT, cm = (V+OUT + V−OUT)/2
Output Balance
Output balance is a measure of how close the output differential
signals are to being equal in amplitude and opposite in phase.
Any imbalances in amplitude or phase produce an undesired
common-mode signal at the amplifier output. Output balance
error is defined as the magnitude of the output common-mode
voltage divided by the magnitude of the output differential
mode voltage.
dm
OUT
cm
OUT
V
V
Error
Balance
Output
,
,
Δ
Δ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com