Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4627-1BRZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4627-1BRZ-R7
Description  36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4627-1BRZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4627-1BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 15Page - Analog Devices ADA4627-1BRZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADA4627-1
Rev. A | Page 13 of 16
oscillator is connected to the circuit under test, and the output
of the circuit goes back to the analyzer.
The analyzer has a tunable notch filter in lock step with the
swept oscillator. This removes the fundamental frequency,
but allows all of the harmonics and wideband noise to be
measured with an integrating voltmeter. However, there is
a switchable low-pass filter in series with the notch filter.
If the sine wave is at 100 Hz, then the tenth harmonic is still
at 1 kHz, thus having a low pass at 80 kHz is not a problem.
When the oscillator reaches 20 kHz, the fourth harmonic
(80 kHz) is partially attenuated, resulting in a lower reading
from the voltmeter. When evaluating THD + N curves from
any manufacturer, careful attention should be paid to the test
conditions. The difference between an 80 kHz low-pass filter
and a 500 kHz filter is shown in Figure 39.
0.01
0.1
1
10
100
FREQUENCY (kHz)
80kHz FILTER
500kHz FILTER
0.01
0.001
0.0001
0.00001
ADA4627-1
TA = 25°C
VSY = ±15V
VIN = 810mV
RL = 600Ω
Figure 39. THD + N vs. Frequency
PRINTED CIRCUIT BOARD LAYOUT, BIAS
CURRENT, AND BYPASSING
To take advantage of the very low input bias current of the
ADA4627-1 at room temperature, leakage paths must be
considered. A printed circuit board, with dust and humidity,
can have 100 MΩ of resistance over a few tenths of an inch.
A one mV differential between the two points results in 10 pA
of leakage current, more than the guaranteed maximum.
The op amp inputs should be guarded by surrounding the nets
with a metal trace maintained at the predicted voltage. In the
case of an inverting configuration or transimpedance amplifier,
(see Figure 40), the inverting and noninverting nodes can be
surrounded by traces held at a quiet analog ground.
2
3
6
8
ADA4627-1
+
VOUT
–
IN
CF
RF
GUARD
Figure 40. Inverting Amplifier with Guard
For a noninverting configuration, the trace can be driven from
the feedback divider, but the resistors should be chosen to offer
a low impedance drive to the trace (see Figure 41).
3
2
6
8
ADA4627-1
+
VOUT
–
VS
+
–
GUARD
RF
RI
Figure 41. Noninverting Amplifier with Guard
The board layout should be compact with traces as short as
possible. For second-order board considerations, such as
triboelectric effects and piezoelectric effects, as well as a table
of insulating material properties, see the AD549 data sheet.
In some cases, shielding from air currents, may be helpful.
A general rule of thumb, for op amps with gain bandwidth
products higher than 1 MHz, bypass capacitors should be very
close to the part, within 3 millimeters. Each supply should be
bypassed with a 0.01 μF ceramic capacitor in parallel with a
1 μF bulk decoupling capacitor. The ceramic capacitors should
be closer to the op amp. Sockets, which add inductance and
capacitance, should not be used.
OUTPUT PHASE REVERSAL
Output phase reversal occurs in some amplifiers when the input
common-mode voltage range is exceeded. As common-mode
voltage is moved outside the common-mode range, the outputs
of these amplifiers can suddenly jump in the opposite direction
to the supply rail. This is the result of the differential input pair
shutting down, causing a radical shifting of internal voltages
that results in the erratic output behavior.
The ADA4627-1 amplifier has been carefully designed to
prevent any output phase reversal if both inputs are maintained
within the specified input voltage range. If one or both inputs
exceed the input voltage range but remain within the supply
rails, an internal loop opens and the output varies. Therefore,
the inputs should always be a minimum of 3 V away from either
supply rail.
DRIVING CAPACITIVE LOADS
Adding capacitance to the output of any op amp results
in additional phase shift, which reduces stability and leads to
overshoot or oscillation. The ADA4627-1 has a high phase
margin and low output impedance, so it can drive reasonable
values of capacitance. This is a common situation when an
amplifier is used to drive the input of switched capacitor ADCs.
For other considerations and various circuit solutions, see the
Analog Dialogue article titled Ask the Applications Engineer-25,
Op Amps Driving Capacitive Loads, available at www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com