Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK950/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADCLK950/PCBZ
Description  Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK950/PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCLK950/PCBZ Datasheet HTML 3Page - Analog Devices ADCLK950/PCBZ Datasheet HTML 4Page - Analog Devices ADCLK950/PCBZ Datasheet HTML 5Page - Analog Devices ADCLK950/PCBZ Datasheet HTML 6Page - Analog Devices ADCLK950/PCBZ Datasheet HTML 7Page - Analog Devices ADCLK950/PCBZ Datasheet HTML 8Page - Analog Devices ADCLK950/PCBZ Datasheet HTML 9Page - Analog Devices ADCLK950/PCBZ Datasheet HTML 10Page - Analog Devices ADCLK950/PCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADCLK950
Rev. 0 | Page 7 of
12
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 3.3 V, VEE = 0 V, VICM = VREFx, TA = 25°C, clock outputs terminated at 50 Ω to VCC − 2 V, unless otherwise noted.
C4
C3
C4
C3
C4
C3
100mV/DIV
500ps/DIV
1.8
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
100mV/DIV
100ps/DIV
Figure 3. LVPECL Output Waveform @ 200 MHz
180
01.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
DIFFERENTIAL INPUT VOLTAGE SWING (V)
214
213
212
211
210
209
208
207
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 4. Differential Output Voltage vs. Frequency, VID > 1.1 V p-p
225
185
190
195
200
205
210
215
220
Figure 5. Propagation Delay vs. Differential Input Voltage
Figure 6. LVPECL Output Waveform @ 1000 MHz
230
190
200
210
220
0.9
3.1
2.9
2.7
2.5
2.3
2.1
1.9
1.7
1.5
1.3
1.1
Figure 7. Propagation Delay vs. Temperature, VID = 1.6 V p-p
+85°C
+25°C
DC COMMON-MODE VOLTAGE (V)
–40°C
Figure 8. Propagation Delay vs. DC Common-Mode Voltage vs.
Temperature, Input Slew Rate > 25 V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com