Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5355 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5355
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5355 Datasheet HTML 9Page - Analog Devices ADL5355 Datasheet HTML 10Page - Analog Devices ADL5355 Datasheet HTML 11Page - Analog Devices ADL5355 Datasheet HTML 12Page - Analog Devices ADL5355 Datasheet HTML 13Page - Analog Devices ADL5355 Datasheet HTML 14Page - Analog Devices ADL5355 Datasheet HTML 15Page - Analog Devices ADL5355 Datasheet HTML 16Page - Analog Devices ADL5355 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADL5355
Rev. 0 | Page 13 of 24
40
45
50
55
60
65
70
1.50
2.00
1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95
LO FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 33. LO Switch Isolation vs. LO Frequency
–60
–50
–40
–30
–20
–10
0
1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20
RF FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 34. RF-to-IF Isolation vs. RF Frequency
–25
–20
–15
–10
–5
0
1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00
LO FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 35. LO-to-IF Leakage vs. LO Frequency
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00
LO FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 36. LO-to-RF Leakage vs. LO Frequency
–40
–35
–30
–25
–20
–15
–10
–5
0
1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00
LO FREQUENCY (GHz)
2LO TO RF
2LO TO IF
Figure 37. 2LO Leakage vs. LO Frequency
–70
–60
–50
–40
–30
–20
–10
0
1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00
LO FREQUENCY (GHz)
3LO TO RF
3LO TO IF
Figure 38. 3LO Leakage vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com