Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5357ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5357ACPZ-R7
Description  500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5357ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5357ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5357ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5357ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5357ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5357ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5357ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5357ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5357ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5357ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADL5357
Rev. 0 | Page 13 of 24
5
6
7
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
8
9
10
700
750
800
850
900
950 1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
VGS = 00
VGS = 01
VGS = 10
VGS = 11
SSB NOISE
FIGURE
CONVERSION
GAIN
Figure 39. Power Conversion Gain and SSB Noise Figure vs. RF Frequency
16
18
20
22
24
26
28
30
6
8
10
12
14
16
18
20
700
750
800
850
900
950 1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
VGS = 00
VGS = 01
VGS = 10
VGS = 11
INPUT IP3
INPUT P1dB
Figure 40. Input P1dB and Input IP3 vs. RF Frequency
0
5
10
15
20
25
30
6
7
8
9
10
11
12
LO BIAS RESISTOR VALUE (kΩ)
CONVERSION GAIN
SSB NOISE FIGURE
INPUT IP3
0.60.81.01.21.41.6
1.8
Figure 41. Power Conversion Gain, SSB Noise Figure, and
Input IP3 vs. LO Bias Resistor Value
0
5
10
15
20
25
30
–30
–25
–20
–15
–10
–5
0
5
10
BLOCKER POWER (dBm)
Figure 42. SSB Noise Figure vs.10 MHz Offset Blocker Level
0
20
40
60
80
100
120
140
600
800
1000
1200
1400
1600
1800
BIAS RESISTOR VALUE (Ω)
R9 LO SET RESISTOR
R14 IF SET RESISTOR
Figure 43. IF or LO Supply Current vs. IF or LO Bias Resistor Value
0
5
10
15
20
25
30
6
7
8
9
10
11
12
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
IF BIAS RESISTOR VALUE (kΩ)
CONVERSION GAIN
SSB NOISE FIGURE
INPUT IP3
Figure 44. Power Conversion Gain, SSB Noise Figure, and
Input IP3 vs. IF Bias Resistor Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com