Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5601ARKZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5601ARKZ-R7
Description  50 MHz to 4.0 GHz RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5601ARKZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5601ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5601ARKZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADL5601
Rev. 0 | Page 6 of 16
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
2100
−10.11
+107.84
+13.16
−54.15
−22.31
+150.95
−9.78
+109.99
2150
−9.04
+96.61
+12.90
−68.23
−22.60
+137.28
−8.88
+99.58
2200
−8.12
+85.63
+12.63
−82.16
−22.91
+123.82
−8.12
+88.80
2250
−7.33
+74.68
+12.34
−95.90
−23.24
+110.57
−7.45
+77.69
2300
−6.66
+63.86
+12.04
−109.35
−23.59
+97.61
−6.85
+66.77
2350
−6.11
+53.33
+11.75
−122.46
−23.92
+84.90
−6.37
+55.88
2400
−5.65
+42.82
+11.46
−135.36
−24.25
+72.46
−6.00
+44.86
2450
−5.28
+32.51
+11.18
−147.97
−24.57
+60.24
−5.68
+33.86
2500
−5.00
+22.51
+10.94
−160.34
−24.86
+48.34
−5.44
+23.12
2550
−4.78
+12.49
+10.73
−172.61
−25.12
+36.64
−5.29
+12.46
2600
−4.64
+2.62
+10.56
+175.37
−25.33
+25.08
−5.19
+1.65
2650
−4.54
−7.06
+10.43
+163.51
−25.52
+13.55
−5.13
−9.06
2700
−4.50
−16.80
+10.35
+151.65
−25.66
+2.20
−5.13
−19.67
2750
−4.52
−26.55
+10.31
+139.80
−25.74
−9.14
−5.19
−30.41
2800
−4.60
−36.24
+10.32
+127.87
−25.78
−20.59
−5.27
−41.23
2850
−4.72
−46.09
+10.37
+115.83
−25.79
−32.13
−5.40
−52.01
2900
−4.92
−56.14
+10.47
+103.58
−25.75
−43.77
−5.60
−62.93
2950
−5.18
−66.18
+10.60
+91.16
−25.67
−55.71
−5.86
−74.10
3000
−5.52
−76.58
+10.76
+78.44
−25.57
−67.81
−6.16
−85.27
3050
−5.95
−87.31
+10.96
+65.65
−25.45
−80.30
−6.57
−96.63
3100
−6.50
−98.20
+11.16
+52.38
−25.30
−93.05
−7.07
−108.36
3150
−7.17
−109.56
+11.37
+38.77
−25.16
−106.14
−7.65
−120.33
3200
−7.96
−121.53
+11.59
+24.80
−25.03
−119.49
−8.35
−132.41
3250
−8.95
−134.08
+11.77
+10.48
−24.91
−133.23
−9.19
−144.97
3300
−10.11
−147.58
+11.94
−4.10
−24.71
−148.47
−10.19
−157.59
3350
−11.43
−162.30
+12.09
−18.93
−24.64
−162.78
−11.23
−171.07
3400
−12.93
−178.72
+12.18
−34.00
−24.61
−177.32
−12.44
+174.45
3450
−14.51
+161.78
+12.24
−49.17
−24.63
+168.07
−13.64
+158.38
3500
−15.96
+138.82
+12.26
−64.42
−24.69
+153.27
−14.74
+140.90
3550
−16.86
+111.84
+12.24
−79.75
−24.80
+138.48
−15.67
+121.24
3600
−16.83
+83.89
+12.17
−95.04
−24.97
+123.67
−16.20
+98.98
3650
−15.98
+58.24
+12.06
−110.33
−25.15
+108.97
−15.98
+76.14
3700
−14.75
+36.92
+11.92
−125.55
−25.39
+94.34
−15.33
+55.10
3750
−13.43
+18.94
+11.76
−140.74
−25.66
+79.90
−14.38
+35.05
3800
−12.23
+3.37
+11.54
−155.80
−25.97
+65.42
−13.18
+17.14
3850
−11.21
−10.83
+11.31
−170.64
−26.33
+51.35
−12.03
+1.60
3900
−10.32
−24.29
+11.05
+174.74
−26.71
+37.49
−11.04
−12.99
3950
−9.59
−37.18
+10.78
+160.27
−27.07
+23.89
−10.13
−27.31
4000
−8.99
−49.64
+10.49
+146.04
−27.43
+10.62
−9.28
−40.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com