Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5602 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5602
Description  50 MHz to 4.0 GHz RF/IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5602 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5602 Datasheet HTML 8Page - Analog Devices ADL5602 Datasheet HTML 9Page - Analog Devices ADL5602 Datasheet HTML 10Page - Analog Devices ADL5602 Datasheet HTML 11Page - Analog Devices ADL5602 Datasheet HTML 12Page - Analog Devices ADL5602 Datasheet HTML 13Page - Analog Devices ADL5602 Datasheet HTML 14Page - Analog Devices ADL5602 Datasheet HTML 15Page - Analog Devices ADL5602 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADL5602
Rev. 0 | Page 13 of 16
EVALUATION BOARD
Figure 19 shows the schematic for the ADL5602 evaluation
board. The board is powered by a single 5 V supply.
The components used on the board are listed in Table 6.
Power can be applied to the board through clip-on leads
(VCC and GND).
Figure 18. Evaluation Board Layout (Top)
1
2
3
ADL5602
C6
1µF
L1
470nH
GND
RFIN
RFOUT
(2)
C5
1.2nF
C4
68pF
C2
0.1µF
C1
0.1µF
VCC
Figure 19. Evaluation Board Schematic
Table 6. Evaluation Board Configuration Options
Component
Description
Default Value
C1, C2
AC-coupling capacitors
0.1 μF, 0402
L1
DC bias inductor
470 nH, 0603 (Coilcraft 0603LS-NX or equivalent)
VCC and GND
Clip-on terminals for power supply
C4, C5, C6
Power supply decoupling capacitors
C4 = 68 pF, 0603; C5 = 1.2 nF, 0603; C6 = 1 μF, 1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com