Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4665 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN4665
Description  3 V, LVDS, Quad, CMOS Differential Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4665 Datasheet(HTML) 3 Page - Analog Devices

  ADN4665 Datasheet HTML 1Page - Analog Devices ADN4665 Datasheet HTML 2Page - Analog Devices ADN4665 Datasheet HTML 3Page - Analog Devices ADN4665 Datasheet HTML 4Page - Analog Devices ADN4665 Datasheet HTML 5Page - Analog Devices ADN4665 Datasheet HTML 6Page - Analog Devices ADN4665 Datasheet HTML 7Page - Analog Devices ADN4665 Datasheet HTML 8Page - Analog Devices ADN4665 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADN4665
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VCC = 3.0 V to 3.6 V, RL = 100 Ω, CL = 15 pF to GND, all specifications TMIN to TMAX, unless otherwise noted. All typical values are given
for VCC = 3.3 V, TA = 25°C.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Conditions/Comments1, 2
LVDS OUTPUTS (DOUTx+, DOUTx−)
Differential Output Voltage
VOD
250
350
450
mV
See Figure 2 and Figure 4
Change in Magnitude of VOD for Complementary Output States
ΔVOD
4
35
|mV|
See Figure 2 and Figure 4
Offset Voltage
VOS
1.125
1.25
1.375
V
See Figure 2 and Figure 4
Change in Magnitude of VOS for Complementary Output States
ΔVOS
5
25
|mV|
See Figure 2 and Figure 4
Output High Voltage
VOH
1.38
1.6
V
See Figure 2 and Figure 4
Output Low Voltage
VOL
0.90
1.03
V
See Figure 2 and Figure 4
INPUTS (DINx, EN, EN)
Input High Voltage
VIH
2.0
VCC
V
Input Low Voltage
VIL
GND
0.8
V
Input High Current
IIH
−10
+1
+10
μA
VIN = VCC or 2.5 V
Input Low Current
IIL
−10
+1
+10
μA
VIN = GND or 0.4 V
Input Clamp Voltage
VCL
−1.5
−0.8
V
ICL = −18 mA
LVDS OUTPUT PROTECTION (DOUTx+, DOUTx−)
Output Short-Circuit Current3
IOS
−6.0
−9.0
mA
Enabled, DINx = VCC, DOUTx+ = 0 V
or DINx = GND, DOUTx− = 0 V
Differential Output Short-Circuit Current3
IOSD
−6.0
−9.0
mA
Enabled, VOD = 0 V
LVDS OUTPUT LEAKAGE (DOUTx+, DOUTx−)
Power-Off Leakage
IOFF
−20
±1
+20
μA
VOUT = 0 V or 3.6 V, VCC = 0 V or
open
Output Three-State Current
IOZ
−10
±1
+10
μA
EN = 0.8 V, EN = 2.0 V,
VOUT = 0 V or VCC
POWER SUPPLY
No Load Supply Current, Drivers Enabled
ICC
5.0
8.0
mA
DINx = VCC or GND
Loaded Supply Current, Drivers Enabled
ICCL
23
30
mA
RL = 100 Ω all channels,
DINx = VCC or GND (all inputs)
No Load Supply Current, Drivers Disabled
ICCZ
2.6
6.0
mA
DINx = VCC or GND, EN = GND,
EN = VCC
ESD PROTECTION
DOUTx+, DOUTx− Pins
±15
kV
Human body model
All Pins Except DOUTx+, DOUTx−
±4.5
kV
Human body model
1 Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground except VOD, ΔVOD, and ΔVOS.
2 The ADN4665 is a current-mode device and functions within data sheet specifications only when a resistive load is applied to the driver outputs. Typical range is
90 Ω to 110 Ω.
3 Output short-circuit current (IOS) is specified as magnitude only; minus sign indicates direction only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com