Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1613 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1613
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1613 Datasheet HTML 9Page - Analog Devices ADP1613 Datasheet HTML 10Page - Analog Devices ADP1613 Datasheet HTML 11Page - Analog Devices ADP1613 Datasheet HTML 12Page - Analog Devices ADP1613 Datasheet HTML 13Page - Analog Devices ADP1613 Datasheet HTML 14Page - Analog Devices ADP1613 Datasheet HTML 15Page - Analog Devices ADP1613 Datasheet HTML 16Page - Analog Devices ADP1613 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 13 of 28
APPLICATIONS INFORMATION
SETTING THE OUTPUT VOLTAGE
The ADP1612/ADP1613 feature an adjustable output voltage
range of VIN to 20 V. The output voltage is set by the resistor
voltage divider, R1 and R2, (see Figure 34) from the output
voltage (VOUT) to the 1.235 V feedback input at FB. Use the
following equation to determine the output voltage:
VOUT = 1.235 × (1 + R1/R2)
(1)
Choose R1 based on the following equation:
⎟
⎠
⎞
⎜
⎝
⎛
−
×
=
235
.
1
235
.
1
OUT
V
R2
R1
(2)
INDUCTOR SELECTION
The inductor is an essential part of the step-up switching
converter. It stores energy during the on time of the power
switch, and transfers that energy to the output through the
output rectifier during the off time. To balance the tradeoffs
between small inductor current ripple and efficiency, induc-
tance values in the range of 4.7 μH to 22 μH are recommended.
In general, lower inductance values have higher saturation
current and lower series resistance for a given physical size.
However, lower inductance results in a higher peak current
that can lead to reduced efficiency and greater input and/or
output ripple and noise. A peak-to-peak inductor ripple current
close to 30% of the maximum dc input current typically yields
an optimal compromise.
For determining the inductor ripple current in continuous
operation, the input (VIN) and output (VOUT) voltages determine
the switch duty cycle (D) by the following equation:
OUT
IN
OUT
V
V
V
D
−
=
(3)
Using the duty cycle and switching frequency, fSW, determine
the on time by the following equation:
SW
ON
f
D
t
=
(4)
The inductor ripple current (ΔIL) in steady state is calculated by
L
t
V
I
ON
IN
L
×
=
Δ
(5)
Solve for the inductance value (L) by the following equation:
L
ON
IN
I
t
V
L
Δ
×
=
(6)
Ensure that the peak inductor current (the maximum input
current plus half the inductor ripple current) is below the rated
saturation current of the inductor. Likewise, make sure that the
maximum rated rms current of the inductor is greater than the
maximum dc input current to the regulator.
For CCM duty cycles greater than 50% that occur with input
voltages less than one-half the output voltage, slope compen-
sation is required to maintain stability of the current-mode
regulator. For stable current-mode operation, ensure that the
selected inductance is equal to or greater than the minimum
calculated inductance, LMIN, for the application parameters in
the following equation:
SW
IN
OUT
MIN
f
V
V
L
L
×
×
−
=
>
7
.
2
)
2
(
(7)
Inductors smaller than the 4.7 μH to 22 μH recommended
range can be used as long as Equation 7 is satisfied for the given
application. For input/output combinations that approach the
90% maximum duty cycle, doubling the inductor is recom-
mended to ensure stable operation. Table 5 suggests a series
of inductors for use with the ADP1612/ADP1613.
Table 5. Suggested Inductors
Manufacturer
Part Series
Dimensions
L × W × H (mm)
Sumida
CMD4D11
5.8 × 4.4 × 1.2
CDRH4D28CNP
5.1 × 5.1 × 3.0
CDRH5D18NP
6.0 × 6.0 × 2.0
CDRH6D26HPNP
7.0 × 7.0 × 2.8
Coilcraft
DO3308P
12.95 × 9.4 × 3.0
DO3316P
12.95 × 9.4 × 5.21
Toko
D52LC
5.2 × 5.2 × 2.0
D62LCB
6.2 × 6.3 × 2.0
D63LCB
6.2 × 6.3 × 3.5
Würth
Elektronik
WE-TPC
Assorted
WE-PD, PD2, PD3, PD4
Assorted
CHOOSING THE INPUT AND OUTPUT CAPACITORS
The ADP1612/ADP1613 require input and output bypass capa-
citors to supply transient currents while maintaining constant
input and output voltages. Use a low equivalent series resistance
(ESR), 10 μF or greater input capacitor to prevent noise at the
ADP1612/ADP1613 input. Place the capacitor between VIN
and GND as close to the ADP1612/ADP1613 as possible.
Ceramic capacitors are preferred because of their low ESR
characteristics. Alternatively, use a high value, medium ESR
capacitor in parallel with a 0.1 μF low ESR capacitor as close
to the ADP1612/ADP1613 as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com