Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2114 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 17Page - Analog Devices ADP2114 Datasheet HTML 18Page - Analog Devices ADP2114 Datasheet HTML 19Page - Analog Devices ADP2114 Datasheet HTML 20Page - Analog Devices ADP2114 Datasheet HTML 21Page - Analog Devices ADP2114 Datasheet HTML 22Page - Analog Devices ADP2114 Datasheet HTML 23Page - Analog Devices ADP2114 Datasheet HTML 24Page - Analog Devices ADP2114 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ADP2114
Rev. 0 | Page 21 of 40
THEORY OF OPERATION
UNDERVOLTAGE LOCKOUT (UVLO)
The ADP2114 is a high efficiency, dual, fixed switching frequency,
synchronous step-down, dc-to-dc converter with flex mode
architecture, which is the Analog Devices, Inc., proprietary
version of its peak current mode control architecture. The
device operates over an input voltage range of 2.75 V to 5.5 V.
Each output channel provides an adjustable output down to 0.6 V
and delivers up to 2 A of load current. When both the output
channels are tied together, they operate 180° out of phase to
deliver up to 4 A of load current. The integrated high-side,
P-channel power MOSFET and the low-side, N-channel power
MOSFET yield high efficiency at medium to heavy loads. Pulse
skip mode is available for improved efficiency at light loads. With
its high switching frequency (up to 2 MHz) and its integrated
power switches, the ADP2114 has been optimized to deliver
high performance in a small size for power management solutions.
The UVLO threshold is 2.65 V when VDD is increasing and
2.47 V when VDD is decreasing. The 180 mV hysteresis prevents
the converter from turning off and on repeatedly during a slow
voltage transition on VDD close to the 2.75 V minimum
operational level due to changing load conditions.
ENABLE/DISABLE CONTROL
The EN1 and EN2 pins are used to independently enable or
disable Channel 1 and Channel 2, respectively. Drive ENx high
to turn on the corresponding channel of ADP2114. Drive ENx
low to turn off the corresponding channel of ADP2114, reducing
input current below 1 μA. To force a channel to start automatically
when input power is applied, connect the corresponding ENx
to VDD. When shut down, the ADP2114 channels discharge
the soft start capacitor, causing a new soft start cycle every time
the converters are re-enabled.
The ADP2114 also includes undervoltage lockout (UVLO) with
hysteresis, soft start, and power good, as well as protection
features such as output short-circuit protection and thermal
shutdown. The output voltages, current limits, switching
frequency, pulse skip operation, and soft start time are
externally programmable with tiny resistors and capacitors.
SOFT START
The ADP2114 soft start feature allows the output voltage to ramp
up in a controlled manner, eliminating output voltage overshoot
during startup. Soft start begins after the undervoltage lockout
threshold is exceeded and the enable pin, EN1 (EN2), is pulled
high above 2.0 V. External capacitors to ground are required on
both the SS1 and SS2 pins. Each regulating channel has its own
soft start circuit. When the converter powers up and is enabled,
the internal 6 μA current source charges the external soft start
capacitor, establishing a voltage ramp slope at the SS1 (SS2) pin,
as shown in Figure 66. The soft start time period ends when the
soft start ramp voltage exceeds the internal reference of 0.6 V.
CONTROL ARCHITECTURE
The ADP2114 consists of two step-down, dc-to-dc converters
that deliver regulated output voltages, VOUT1 and VOUT2 (see
Figure 1), by modulating the duty cycle at which the internal
high-side, P-channel power MOSFET and the low-side, N-channel
power MOSFET are switched on and off. In steady-state operation,
the output voltage, VOUT, is sensed on the feedback pin, FB1 (FB2),
and attenuated in proportion to the selected output voltage on
the V1SET (V2SET) pin. An error amplifier integrates the error
between the feedback voltage and the reference voltage (VREF =
0.6 V) to generate an error voltage at the COMP1 (COMP2) pin.
The valley inductor current is sensed by a current-sense amplifier
when the low-side, N-channel MOSFET is on. An internal
oscillator turns off the low-side, N-channel MOSFET and
turns on the high-side, P-channel MOSFET at a fixed switching
frequency. When the high,-side P-channel MOSFET is enabled,
the valley inductor current information is added to an emulated
ramp signal and compared to the error voltage by the PWM
comparator. The output of the PWM comparator modulates the
duty cycle by adjusting the trailing edge of the PWM pulse that
switches the power devices. Slope compensation is programmed
internally into the emulated ramp signal and automatically
selected, depending on the VIN, VOUT, and switching frequency.
This prevents subharmonic oscillations on the inductor current
for greater than 50% duty-cycle operation.
CH3 5.0V
CH2 1.0V
CH1 5.0V
CH4 2.0V
M1.0ms
A CH1
2.4V
1
2
4
3
ENx
VOUT
SSx
SW
Figure 66. Soft Start
Control logic with the antishoot-through circuit monitor and
adjust the low-side and high-side driver outputs to ensure break-
before-make switching. This monitoring and control prevents
crossconduction between the internal high-side, P-channel
power MOSFET and the low-side, N-channel power MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com