Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2118ACPZ-3.3-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2118ACPZ-3.3-R7
Description  3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2118ACPZ-3.3-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2118ACPZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP2118ACPZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP2118ACPZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP2118ACPZ-3.3-R7 Datasheet HTML 8Page - Analog Devices ADP2118ACPZ-3.3-R7 Datasheet HTML 9Page - Analog Devices ADP2118ACPZ-3.3-R7 Datasheet HTML 10Page - Analog Devices ADP2118ACPZ-3.3-R7 Datasheet HTML 11Page - Analog Devices ADP2118ACPZ-3.3-R7 Datasheet HTML 12Page - Analog Devices ADP2118ACPZ-3.3-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADP2118
Rev. 0 | Page 9 of 24
1000
1050
1100
1150
1200
1250
1300
1350
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TJ = –40°C
TJ = +25°C
TJ = +125°C
VIN (V)
Figure 16. Switching Frequency vs. VIN at 1.2 MHz
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RISING
FALLING
Figure 17. EN Threshold vs. Temperature
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 18. Peak Current Limit vs. Temperature (VIN = 3.3 V)
500
520
540
560
580
600
620
640
660
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TJ = –40°C
TJ = +25°C
TJ = +125°C
VIN (V)
Figure 19. Switching Frequency vs. VIN at 600 kHz
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
2.06
2.08
2.10
2.12
2.14
2.16
2.18
2.20
2.22
RISING
FALLING
Figure 20. UVLO Threshold vs. Temperature (VIN = 3.3 V)
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
Figure 21. Peak Current Limit vs. VIN (TJ = 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com