Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

809-065C Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 809-065C
Description  Contacts and Tools Crimp Contacts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-065C Datasheet(HTML) 2 Page - Glenair, Inc.

  809-065C Datasheet HTML 1Page - Glenair, Inc. 809-065C Datasheet HTML 2Page - Glenair, Inc. 809-065C Datasheet HTML 3Page - Glenair, Inc. 809-065C Datasheet HTML 4Page - Glenair, Inc. 809-065C Datasheet HTML 5Page - Glenair, Inc. 809-065C Datasheet HTML 6Page - Glenair, Inc. 809-065C Datasheet HTML 7Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
A-3
E-Mail: sales@glenair.com
How To Terminate, Install and Remove Size #23 Contacts
2 StripWire.Removewireinsulation,takingcare
to avoid nicking or cutting wire strands. Strip
wire to length shown.
3 Insertwireintocontact.Thewireshouldbe
visible in the inspection hole.
5 Inspectcrimpedcontact.Wireshouldbefully
inserted and the crimp should be uniform in
appearance.
1 SetUpCrimpTool.Installproperpositionerinto
crimp tool. The label on the positioner shows
the proper tool setting for each wire size. Turn the
adjustment wheel to the correct setting.
Crimp Tool
Adjustment Wheel
Positioner
6 Installcontactintoconnector.Pushthecontact
through the rear grommet until the contact
locks into place. This can usually be done by hand
without the need for a tool. If the wire gage is #26
or smaller, a tool is helpful. There are two techniques
for installing contacts with a tool. One method is to
push the contact in by hand, then use the tool to
finish the insertion. The other method is to position
the insertion tip against the contact shoulder,
then insert the contact. Use insertion/extraction
tool 809-088 to install contacts. Slide the wire into
the groove on the blue end of the tool. Slide the
tool tip up the contact until it touches the contact
shoulder. USE CARE TO AVOID DAMAGING THE
CONNECTOR.
7 ContactExtraction.Usetool809-088.Thewhite
end is used for contact extraction. First, push
the wire into the groove of the metal tip. Slide the
tip of the tool into the connector. Push the tool into
the connector cavity until the tip bottoms in the
connector. Avoid wiggling or rocking the tip.This may
damage the cavity. A straight push is best. Pinch the
wire between your finger and the white plastic grip
and slide the tool and contact out of the connector.
Wire insulation diameter greater than 0.045
inches (1.14mm) is too large to work properly
with the extraction tool. connector damage is
possible.
.145/.155
(3.68/3.94)
INSPECTION
HOLE
1
2
3
4 Insertcontactintocrimptoolasshown.Make
sure that the contact is fully inserted into
the tool. Squeeze handle completely. The ratchet
mechanism will not allow a partial crimp. Release
handle and remove contact.
4
5
RUBBER
GROMMET
RETAINER
TINE
Insertion⁄Extraction Tool 809-088
RUBBER
GROMMET
6
7
INSERTION TIP
BLUE END
EXTRACTION TIP
WHITE END
CONTACT
RETAINER CLIP
4
Series 80 “Mighty Mouse”
Contacts and Tools
Size #23 Crimp Contact Instructions
Rev. 03-FEB-2009



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com