Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

809-002 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 809-002
Description  Contacts and Tools Crimp Contacts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-002 Datasheet(HTML) 3 Page - Glenair, Inc.

  809-002 Datasheet HTML 1Page - Glenair, Inc. 809-002 Datasheet HTML 2Page - Glenair, Inc. 809-002 Datasheet HTML 3Page - Glenair, Inc. 809-002 Datasheet HTML 4Page - Glenair, Inc. 809-002 Datasheet HTML 5Page - Glenair, Inc. 809-002 Datasheet HTML 6Page - Glenair, Inc. 809-002 Datasheet HTML 7Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
A-4
E-Mail: sales@glenair.com
Adapter for Crimping #20 AWG Wire to Size #23 Contacts
Size #22 AWG wire is the largest wire size that fits standard size 23 contacts. Use this adapter to
attach larger #20 gage wire. First, crimp wire to adapter, then crimp the adapter into the size #23
contact. Adapters are made of tellurium copper alloy #1452, and are gold plated. Crimp with
M22520/1-01 tool and 809-138 (Daniels TH653) positioner. These adapters cannot be removed
from connectors.
.048/.040
1.2/1.0
.059 (1.5) MAX
.031/.026
0.8/0.7)
.160 (4.1)
.430 (10.9)
MAX
Adapter
Size
Wire Size
Part Number
Tool
Code
#22-20
#20
809-093
I, K
STD. #23 PIN
#20 AWG
WIRE
809-093
#20 AWG Wire Adapter
Series 80 “Mighty Mouse”
Contacts and Tools
Adapters, #20 Power Contacts
Rev. 03-FEB-2009
#20 Pin Contact
#20 Socket Contact
Standard size #20 contacts accept #20 to #24 AWG wire. At rated test current of 7.5 amps, the maximum
voltage drop is 55 millivolts. Contacts are gold-plated copper alloy. Socket contacts feature stainless
steel hoods to protect against probe damage. Approved to SAE-AMS-39029. Contacts are bulk
packaged. Terminate with M22520/1-01 crimper and M22520/1-04 positioner.
Contact
Type
Wire Size
Part Number
Military Part
Number
Color Band
Tool
Code
1st
2nd
3rd
Pin
#20 – #24
850-002-20-363
M39029/58-363
Orange Blue
Orange I. J
Socket
#20 – #24
850-003-20-357
M39029/57-357
Orange Green
Violet
I, J
Size #20 Contacts, Crimp Termination
#
.518 (13.16)
REF
.070 (1.78)
MAX
.094 (2.39)
MAX
.048 (1.22)
.046 (1.17)
Ø .078 (1.98) MAX
Ø
cket Contact
.531 (13.49)
REF
Ø .041/.039
(1.04/0.99)
Ø
Ø
.070 (1.78)
MAX
.094 (2.39)
MAX
.048 (1.22)
.046 (1.17)
850-002-20-363
850-003-20-357



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com