Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INC2002AX Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # INC2002AX
Description  FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INC2002AX Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  INC2002AX Datasheet HTML 1Page - Isahaya Electronics Corporation INC2002AX Datasheet HTML 2Page - Isahaya Electronics Corporation INC2002AX Datasheet HTML 3Page - Isahaya Electronics Corporation INC2002AX Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FOR MUTING APPLICATION
INC2002AX SERIES
SILICON NPN EPITAXIAL TYPE
FEATURE
OUTLINE DRAWING
Unit:mm
INC2002AU1
・Small package for easy mounting.
・High reverse hFE
・Small collector to emitter saturation voltage.
VCE(sat)=40mV(TYP.)(@IC=50mA/IB=2.5mA)
・Low on Resistance
Ron=0.65Ω(TYP.)(@IB=5mA)
APPLICATION
JEITA:SC-75A
JEDEC:-
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
muting circuit , switching circuit
INC2002AM1
JEITA:SC-70
JEDEC:-
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
INC2002AC1
JEITA:SC-59
JEDEC:Similar to TO-236
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR
ISAHAYA ELECTRONICS CORPORATION
0.4
0.8
0.4
1.6
①
②
③
MARKING
X W ・
W ・
X W ・
W ・
1.25
0.425
2.1
①
②
③
0.425
0.5
1.5
0.5
2.5
①
②
③


Similar Part No. - INC2002AX

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INC2001AC1 ISAHAYA-INC2001AC1 Datasheet
139Kb / 4P
SILICON NPN EPITAXIAL TYPE
INC2001AC1 ISAHAYA-INC2001AC1 Datasheet
139Kb / 4P
FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
INC2001AM1 ISAHAYA-INC2001AM1 Datasheet
139Kb / 4P
SILICON NPN EPITAXIAL TYPE
INC2001AM1 ISAHAYA-INC2001AM1 Datasheet
139Kb / 4P
FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
INC2001AT2 ISAHAYA-INC2001AT2 Datasheet
139Kb / 4P
SILICON NPN EPITAXIAL TYPE
More results

Similar Description - INC2002AX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2878 TOSHIBA-2SC2878_07 Datasheet
505Kb / 4P
Silicon NPN Epitaxial Type For Muting and Switching Applications
logo
Isahaya Electronics Cor...
RT6N230C ISAHAYA-RT6N230C Datasheet
135Kb / 3P
TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RT6N430C ISAHAYA-RT6N430C Datasheet
135Kb / 3P
TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RTAN140X ISAHAYA-RTAN140X Datasheet
131Kb / 4P
TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RTAN230X ISAHAYA-RTAN230X Datasheet
129Kb / 4P
TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
RTAN430X ISAHAYA-RTAN430X Datasheet
129Kb / 4P
TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION RTAN430X SERIES SILICON NPN EPITAXIAL TYPE
RT2N65M ISAHAYA-RT2N65M Datasheet
137Kb / 4P
Composite Transistor For Muting Application Silicon NPN Epitaxial Type
RT2N63M ISAHAYA-RT2N63M Datasheet
155Kb / 4P
Composite Transistor For Muting Application Silicon NPN Epitaxial Type
RT2N62M ISAHAYA-RT2N62M Datasheet
133Kb / 4P
Composite Transistor For Muting Application Silicon NPN Epitaxial Type
INC2001AX ISAHAYA-INC2001AX_08 Datasheet
139Kb / 4P
FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com