Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0075TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0075TR
Description  Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0075TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0075TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0075TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0075TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0075TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0075TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAPSS0075TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Linear Power Amplifier
2.4 - 2.5 GHz, 802.11b/g
Rev. V2
MAAPSS0075
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: F = 2.4 GHz, VCC = 3.3 V, VEN = 3.0 V, TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max
Gain
dB
27.5
29.5
31.5
Input VSWR
:1
1.6
Forward Isolation
dB
40
P1dB
dBm
26
Supply Voltage
VCC1, VCC2, VCC3
V
3.3
Bias Voltage
VEN
V
3
Current
Idle
POUT = 19 dBm
POUT = 23 dBm
mA
mA
mA
100
185
275
150
220
300
Off Current
VEN = 0 V
µA
3
20
Control Current
VEN Current
mA
3
Harmonics
2fo
3fo
dBc
dBc
-37
-52
Duty Cycle
%
100
Linear Output Power
DSS source; compliance with 802.11b
EVM=3.5%, OFDM, QAM-64, 54 Mbps
dBm
dBm
23
19
Detector Output
POUT = 19 dBm
mV
780
Stability
+1.8 V < VCC < +3.6 V, VSWR < 6.0:1, -20°C < TC < +85ºC,
RBW = 3 MHz max hold
All spurs < -60 dBc
Ruggedness
+1.8V < VCC < +3.6 V, POUT < +23 dBm, VSWR < 6:1
No permanent damage
Detector Sensitivity
Up to POUT = 19 dBm
mV/dB
70
Parameter
Absolute Maximum
Input Power
+ 5 dBm
Operating Supply Voltage
+4.0 Volts
Operating Control Voltage
+3.0 Volts
Operating Temperature
-40°C to +85°C
Channel Temperature
+150°C
Storage Temperature
-40°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
Absolute Maximum Ratings
3,4
Operating the MAAPSS0075
The MAAPSS0075 is static sensitive. Please handle
with care. To operate the device, follow these steps.
1. Apply VCC (3.3 V).
2. Apply VEN (3.0 V).
3. Set Pin.
4. Turn off in reverse order with VCC last.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com