Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0081SMB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0081SMB
Description  ISM Power Amplifier 2.4 - 2.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0081SMB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0081SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0081SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0081SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0081SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0081SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAPSS0081SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
ISM Power Amplifier
2.4 - 2.5 GHz
Rev. V1
MAAPSS0081
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Characteristics @ 2.45 GHz, VCC = 2.4 V (Low Power Mode)
-40
-30
-20
-10
0
10
20
-12
-10
-8
-6
-4
-2
0
2
4
Pin (dBm)
Pout
3Fo
2Fo
POUT, Harmonics vs. Pin
POUT, PAE, ICC vs. PIN
POUT, PAE, ICC vs. VCC
POUT, PAE, ICC vs. Frequency
0
5
10
15
20
25
0.00
0.04
0.08
0.12
0.16
0.20
1.5
2.0
2.5
3.0
3.5
4.0
Vcc (V)
Pout
PAE
Icc
0
2
4
6
8
10
12
14
16
18
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
2.40
2.42
2.44
2.46
2.48
2.50
Frequency (GHz)
Pout
PAE
Icc
VCC, POUT vs. Temperature
VCC, ICC vs. Temperature
0.00
0.05
0.10
0.15
0.20
0.25
-20
-10
0
1020
3040
5060
70
Vcc = 2.0 V
Vcc = 2.4 V
Vcc = 3.0 V
Vcc = 3.6 V
Temperature (°C)
10
12
14
16
18
20
22
24
-20
-10
0
102030
4050
6070
Vcc = 2.0 V
Vcc = 2.4 V
Vcc = 3.0 V
Vcc = 3.6 V
Temperature (°C)
0
2
4
6
8
10
12
14
16
18
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
-12
-10
-8
-6
-4
-2
0
2
4
Pin (dBm)
Pout
PAE
Icc



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com